Electronic Components Datasheet Search
  English  ▼

X  

M74HC148M1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC148M1R
Description  8 TO 3 LINE PRIORITY ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC148M1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC148M1R Datasheet HTML 1Page - STMicroelectronics M74HC148M1R Datasheet HTML 2Page - STMicroelectronics M74HC148M1R Datasheet HTML 3Page - STMicroelectronics M74HC148M1R Datasheet HTML 4Page - STMicroelectronics M74HC148M1R Datasheet HTML 5Page - STMicroelectronics M74HC148M1R Datasheet HTML 6Page - STMicroelectronics M74HC148M1R Datasheet HTML 7Page - STMicroelectronics M74HC148M1R Datasheet HTML 8Page - STMicroelectronics M74HC148M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC148
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
9, 7, 6
A0 to A2
Data Outputs
10, 11, 12,
13, 1, 2, 3, 4
0 to 7
Data Inputs
15
EO
Enable Output
5
EI
Enable Input
14
GS
Priority Flag Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
E1
01234567
A2
A1
A0
GS
E0
HXXXXXXXX
H
H
H
H
H
L
HHHHHHHHHH
HH
L
L
XXXXXXX
L
L
L
L
L
H
L
XXXXXX
L
H
L
L
H
L
H
L
XXXXX
L
H
H
L
H
L
L
H
L
XXXX
L
H
H
H
L
H
H
L
H
L
X
X
X
L
HHHHH
L
L
L
H
L
X
X
L
HHHHHH
L
H
L
H
L
X
L
HHHHHHHH
L
L
H
L
L
HHHHHHHHH
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com