Electronic Components Datasheet Search
  English  ▼

X  

20L45SC Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 20L45SC
Description  Trench MOS Barrier Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

20L45SC Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  20L45SC Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 20L45SC Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 20L45SC Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20L45SC SMC-S
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
RATINGS AND CHARACTERISTIC CURVES
25
20
15
10
5
0
0
25
50
75
100
125
150
320
280
240
200
160
120
80
40
0
1
10
100
100
Tc, Case Temp (
oC)
Current Derating, Case
Number of Cycles at 60 Hz
Maximum Repetitive Surge Current
100000
10000
10
1000
1
150
200
250
300
350
400
450
500
550
100
0
5
10
15
20
25
30
35
40
45
Vf, Instantaneous Forward Voltage (mV)
Typical Forward Voltage
VR, Reverse Voltage (Volts)
Typical Reverse Current
100000
10000
1000
100
0
1
10
100
Reverse Voltage (V)
Typical Junction Capacitance
Tj=25
℃
Tj=
75℃
Tj=
100℃
Tj=
125℃
Tj=25
℃
Tj=
75℃
Tj=
125℃
Tj=
150℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com