Electronic Components Datasheet Search
  English  ▼

X  

PDTC143XK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC143XK
Description  NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC143XK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC143XK Datasheet HTML 4Page - NXP Semiconductors PDTC143XK Datasheet HTML 5Page - NXP Semiconductors PDTC143XK Datasheet HTML 6Page - NXP Semiconductors PDTC143XK Datasheet HTML 7Page - NXP Semiconductors PDTC143XK Datasheet HTML 8Page - NXP Semiconductors PDTC143XK Datasheet HTML 9Page - NXP Semiconductors PDTC143XK Datasheet HTML 10Page - NXP Semiconductors PDTC143XK Datasheet HTML 11Page - NXP Semiconductors PDTC143XK Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PDTC143X_SER_9
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 09 — 26 July 2005
10 of 12
Philips Semiconductors
PDTC143X series
NPN resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice Doc. number
Supersedes
PDTC143X_SER_9
20050726
Product data sheet
-
-
PDTC143X_SERIES_8
Modifications:
• The format of this data sheet has been redesigned to comply with the new presentation and
information standard of Philips Semiconductors.
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Table 6 “Limiting values”: typing error for value of VEBO emitter-base voltage corrected
• Table 8 “Characteristics”: Vi(on) redefined to VI(on) on-state input voltage
• Table 8 “Characteristics”: Vi(off) redefined to VI(off) off-state input voltage
• Figure 1, 2, 3, 4, 9 and 10: added
• Figure 5, 6, 7, 8, 11, 12 and 13: superseded by minimized package outlines
• Section 9 “Packing information”: added
• Section 14 “Trademarks”: added
PDTC143X_SERIES_8 20040806
Product
specification
-
9397 750 13676 PDTC143X_SERIES_7
PDTC143X_SERIES_7 20040323
Product
specification
-
9397 750 12962 PDTC143X_SERIES_6
PDTC143X_SERIES_6 20040112
Product
specification
-
9397 750 12444 PDTC143X_SERIES_5
PDTC143X_SERIES_5 20031112
Product
specification
-
9397 750 12196 PDTC143X_SERIES_4
PDTC143X_SERIES_4 20030910
Product
specification
-
9397 750 11736 PDTC143X_SERIES_3
PDTC143X_SERIES_3 20030410
Product
specification
-
9397 750 11022 PDTC143XE_2
PDTC143XK_1
PDTC143XT_1
PDTC143XE_2
19990521
Product
specification
-
9397 750 05865 PDTC143XE_1
PDTC143XE_1
19980529
Product
specification
-
9397 750 03914 -
PDTC143XK_1
20020115
Product
specification
-
9397 750 09147 -
PDTC143XT_1
19990420
Product
specification
-
9397 750 04931 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com