Electronic Components Datasheet Search
  English  ▼

X  

BAV19WS Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BAV19WS
Description  For surface mounted applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BAV19WS Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BAV19WS Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV19WS Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV19WS Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19WS THRU BAV21WS SOD-323
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
FEATURES
For surface mounted applications
Glass Passivated Chip Junction
Fast reverse recovery time
Ideal for automated placement
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-323
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 4.5mg / 0.00016oz
Pinning
1.Cathode
2.Anode
1
2
SOD-323
Absolute Maximum Ratings at 25 °C
Parameter
Symbols
BAV19WS
BAV20WS
BAV21WS
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Maximum RMS voltage
VRMS
100
150
200
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-reptitive Peak Forward Surge Current
at 1s
IFSM
1
A
at 1ms
3
at 1us
9
Total Power Dissipation
Ptot
500
mW
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
Characteristics at Ta = 25 °C
Parameter
Symbols
BAV19WS
BAV20WS
BAV21WS
Units
Reverse BreakdownVoltage at IR=100
μA
V(BR)R
120
200
250
V
Maximum Forward Voltage
at 100 mA
VF
1.00
V
at 200 mA
1.25
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Ta=25°C
IR
0.1
uA
Ta=150°C
100
Typical Junction Capacitance at VR=4V, f=1MHz
Cj
5
pF
Maximum Reverse Recovery Time
Trr
50
nS
Marking Code
BAV19WS
A8
BAV20WS
T2
BAV21WS
T3


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com