Electronic Components Datasheet Search
  English  ▼

X  

LTM15C441 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # LTM15C441
Description  LIQUID CRYSTAL DISPLAY PRODUCT INFORMATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM15C441 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  LTM15C441 Datasheet HTML 1Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 2Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 3Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 4Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 5Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 6Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 7Page - Toshiba Semiconductor LTM15C441 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(1/8)
2001-04-27 (Ver. 0.2)
LIQUID CRYSTAL DISPLAY
PRODUCT INFORMATION
FEATURES
(1) 15 type XGA display size for display
(2) Video signal : Analog R,G,B Input
(3) With FL inverter, DC12V only
(4) Expansion (ex. VGA signal to XGA display)
(5) User interface by OSD
MECHANICAL SPECIFICATION
Item
Specification
Dimensional Outline (typ.)
(340)(W) x (257)(H) x 29max(D) (mm)
Number of Pixel
1024(W) x 768(H) pixels
Active Area
304.128(W) x 228.096(H) (mm)
Pixel Pitch
0.297(W) x 0.297(H)
Weight
(2300 g)
Backlight
Two CCFL, Side light
ELECTRICAL SPECIFICATION
Item
Min.
Typ.
Max.
Unit
Remarks
Supply Voltage
(VDD)
---
12
---
VDC
Input Signal
---
0.7
---
V(p-p)
75
Ω terminated
Synchronization Signal
---
TTL Level
---
V
Current Consumption
(IDD)
---
TBD
---
mA
Power Consumption (Target)
---
(21)
---
W
@200cd/m
2
1)
Note 1) Not include the AC adapter unit.
OPTICAL SPECIFICATION (Ta=25
°°C)
Item
Min.
Typ.
Max.
Unit
Remarks
Contrast Racio (CR)
100
(250)
---
---
(Upper+Lower)
---
(90)
---
°
Viewing Angle
(CR>=10)
(Left+Right)
---
(120)
---
°
(
τr) L: 10-90%
---
(40)
---
ms
Rise
Response Time
(
τf) L: 90-10%
---
(10)
---
ms
Fall
Luminance
---
200
---
cd/m
2
Luminance adjustment limit
30% to 100%
2)
Note 2) Adjust by operating OSD(On Screen Display) menu.
*The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
Toshiba or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Toshiba or others.
*The information contained herein may be changed without prior notice. It is therefore advisable to contact Toshiba before proceeding
with the design of equipment incorporating this product.
15 type Analog Input
LCD Module
LTM15C441 (a-Si TFT)
TENTATIVE


Similar Part No. - LTM15C441

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
TFT LCD
LTM150XH-T01 SAMSUNG-LTM150XH-T01 Datasheet
496Kb / 35P
SAMSUNG TFT LCD
LTM150XI-A01 SAMSUNG-LTM150XI-A01 Datasheet
522Kb / 26P
SANSUNG TFT LCD
More results

Similar Description - LTM15C441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
Liquid Crystal Display
Oct. 10, 2003
logo
Toshiba Semiconductor
LTM10C348S TOSHIBA-LTM10C348S Datasheet
99Kb / 10P
LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
LTM10C306L TOSHIBA-LTM10C306L Datasheet
112Kb / 10P
LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
Liquid Crystal Display
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
LIQUID CRYSTAL DISPLAY
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com