Electronic Components Datasheet Search
  English  ▼

X  

MPX5010GP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPX5010GP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5010GP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPX5010GP Datasheet HTML 3Page - NXP Semiconductors MPX5010GP Datasheet HTML 4Page - NXP Semiconductors MPX5010GP Datasheet HTML 5Page - NXP Semiconductors MPX5010GP Datasheet HTML 6Page - NXP Semiconductors MPX5010GP Datasheet HTML 7Page - NXP Semiconductors MPX5010GP Datasheet HTML 8Page - NXP Semiconductors MPX5010GP Datasheet HTML 9Page - NXP Semiconductors MPX5010GP Datasheet HTML 10Page - NXP Semiconductors MPX5010GP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MPX5010
Sensors
Freescale Semiconductor, Inc.
7
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The MPX pressure
sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct
footprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and
shorting between solder pads.
Figure 5. SOP Footprint (Case 482)
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5010DP
867C
Side with Part Marking
MPX5010GP
867B
Side with Port Attached
MPX5010GS
867E
Side with Port Attached
MPX5010GSX
867F
Side with Port Attached
MPXV5010G6U
482
Stainless Steel Cap
MPXV5010GC6U/6T1
482A
Side with Port Attached
MPXV5010GC7U
482C
Side with Port Attached
MPXV5010GP
1369
Side with Port Attached
MPXV5010DP
1351
Side with Part Marking
MPVZ5010G6U
482
Stainless Steel Cap
MPVZ5010G7U
482B
Stainless Steel Cap
MPVZ5010GW6U
1735
Vertical Port Attached
MPVZ5010GW7U
1560
Vertical Port Attached
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
inch
mm
SCALE 2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com