Electronic Components Datasheet Search
  English  ▼

X  

MPX5050DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPX5050DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5050DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPX5050DP Datasheet HTML 3Page - NXP Semiconductors MPX5050DP Datasheet HTML 4Page - NXP Semiconductors MPX5050DP Datasheet HTML 5Page - NXP Semiconductors MPX5050DP Datasheet HTML 6Page - NXP Semiconductors MPX5050DP Datasheet HTML 7Page - NXP Semiconductors MPX5050DP Datasheet HTML 8Page - NXP Semiconductors MPX5050DP Datasheet HTML 9Page - NXP Semiconductors MPX5050DP Datasheet HTML 10Page - NXP Semiconductors MPX5050DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MPX5050
Sensors
Freescale Semiconductor
7
Pressure
PACKAGE DIMENSIONS
CASE 482A-01
ISSUE A
UNIBODY PACKAGE
CASE 867-08
ISSUE N
UNIBODY PACKAGE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
0.415
10.79
B
10.54
0.425
0.415
10.79
C
12.70
0.520
0.500
13.21
D
0.96
0.042
0.038
1.07
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
0
7
0
7
N
0.444
0.448
11.28
11.38
S
0.709
0.725
18.01
18.41
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5 TYPICAL DRAFT.
S
D
G
8 PL
4
5
8
1
S
B
M
0.25 (0.010)
A S
T
–A–
–B–
C
M
J
K
PIN 1 IDENTIFIER
H
SEATING
PLANE
–T–
N
V
W
V
0.245
0.255
6.22
6.48
W
0.115
0.125
2.92
3.17
PIN 1
F
G
N
L
R
12
34
5
6
6 PL
D
SEATING
PLANE
-T-
M
A
M
0.136 (0.005)
T
POSITIVE PRESSURE
(P1)
C
B
M
J
S
-A-
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
STYLE 3:
PIN 1. OPEN
2. GROUND
3. +VOUT
4. +VSUPPLY
5. -VOUT
6. OPEN
STYLE 2:
PIN 1. OPEN
2. GROUND
3. -VOUT
4. VSUPPLY
5. +VOUT
6. OPEN
MAX
MILLIMETERS
INCHES
16.00
13.56
5.59
0.84
1.63
0.100 BSC
2.54 BSC
0.40
18.42
30˚ NOM
30˚ NOM
12.57
11.43
DIM
A
B
C
D
F
G
J
L
M
N
R
S
MIN
0.595
0.514
0.200
0.027
0.048
0.014
0.695
0.475
0.430
0.090
MAX
0.630
0.534
0.220
0.033
0.064
0.016
0.725
0.495
0.450
0.105
MIN
15.11
13.06
5.08
0.68
1.22
0.36
17.65
12.07
10.92
2.29
2.66
NOTES:
1.
2.
3.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
DIMENSION -A- IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com