Electronic Components Datasheet Search
  English  ▼

X  

AFB24 Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # AFB24
Description  On/Off, Spring Return, AC/DC 24 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFB24 Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  AFB24 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFB24 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AFB24 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
1602
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, -10% /
+20%
Power consumption in operation 5 W
Power consumption in rest
position
2.5 W
Transformer sizing
7.5 VA (class 2 power source)
Shaft Diameter
1/2...1.05” round, centers on 1/2” and 3/4”
with insert, 1.05” without insert
Electrical Connection
18 GA appliance cable, 3 ft [1 m], with 1/2”
conduit connector
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
actuators are double insulated
Angle of rotation
95°, adjustable with mechanical end stop,
35...95°
Torque motor
180 in-lb [20 Nm]
Direction of motion motor
selectable by ccw/cw mounting
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Manual override
5 mm hex crank (3/16” Allen), supplied
Running Time (Motor)
75 s
Running time fail-safe
<20 s @ -4...122°F [-20...50°C], <60 s @
-22°F [-30°C]
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 2, UL Enclosure Type 2
Housing material
Galvanized steel and plastic housing
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2014/30/EU and
2014/35/EU; Listed to UL 2043 - suitable for
use in air plenums per Section 300.22(c) of
the NEC and Section 602.2 of the IMC
Noise level, motor
50 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
2.4 lb [2.4 kg]
†Rated Impulse Voltage 800V, Type of action 1.AA, Control Pollution Degree 3
Torque min. 180 in-lb, for control of air dampers.
Application
For On/Off, fail-safe control of dampers in HVAC systems. Actuator sizing
should be done in accordance with the damper manufacturer’s specifications.
Control is On/Off from an auxiliary contact or a manual switch. The actuator
is mounted directly to a damper shaft up to 1.05” in diameter by means of its
universal clamp. A crank arm and several mounting brackets are available for
applications where the actuator cannot be direct coupled to the damper shaft.
Maximum of two AF’s can be piggybacked for torque loads of up to 266 in-lbs.
Minimum 3/4” diameter shaft and parallel wiring.
Operation
The AF..24 series actuators provide true spring return operation for reliable
failsafe application and positive close off on air tight dampers. The spring
return system provides constant torque to the damper with, and without,
power applied to the actuator. The AF..24 series provides 95° of rotation and is
provided with a graduated position indicator showing 0° to 95°. The actuator
may be stalled anywhere in its normal rotation without the need of mechanical
end switches. The AF..24 actuator is shipped at 5° (5° from full fail-safe) to
provide automatic compression against damper gaskets for tight shut-off.
Dimensions (Inches[mm])
2.31" [58.78]
5.32" [135.01]
1.25" [31.79]
6.77" [172]
0.38" [9.7]
0.26" [6.5]
0.8" [20.38]
0.26" [6.5]
9.69" [246.1]
AFB24 Technical Data Sheet
On/Off, Spring Return, AC/DC 24 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - AFB24

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFB24-IP BELIMO-AFB24-IP Datasheet
528Kb / 4P
Control modulating, Cloud, communicative,Hybrid
AFB24-MFT BELIMO-AFB24-MFT Datasheet
1Mb / 4P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFB24-MFT-S BELIMO-AFB24-MFT-S Datasheet
1Mb / 4P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFB24-MFT-S-X1 BELIMO-AFB24-MFT-S-X1 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function
AFB24-MFT-X1 BELIMO-AFB24-MFT-X1 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
More results

Similar Description - AFB24

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFB24-S BELIMO-AFB24-S Datasheet
782Kb / 3P
On/Off, Spring Return, AC/DC 24 V
AFX24 BELIMO-AFX24 Datasheet
654Kb / 3P
On/Off, Spring Return, AC/DC 24 V
AFX24-S BELIMO-AFX24-S Datasheet
782Kb / 3P
On/Off, Spring Return, AC/DC 24 V
EFB24 BELIMO-EFB24 Datasheet
784Kb / 2P
On/Off, Spring Return, AC/DC 24 V
EFX24-S BELIMO-EFX24-S Datasheet
919Kb / 2P
On/Off, Spring Return, AC/DC 24 V
LF24US BELIMO-LF24US Datasheet
553Kb / 3P
On/Off, Spring Return, AC/DC 24 V
NFB24 BELIMO-NFB24 Datasheet
620Kb / 3P
On/Off, Spring Return, AC/DC 24 V
TFX24 BELIMO-TFX24 Datasheet
577Kb / 2P
On/Off, Spring Return, AC/DC 24 V
TFX24-S BELIMO-TFX24-S Datasheet
738Kb / 3P
On/Off, Spring Return, AC/DC 24 V
AFBUP-S-X1 BELIMO-AFBUP-S-X1 Datasheet
733Kb / 2P
On/Off, Spring Return, AC/DC 24 V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com