Electronic Components Datasheet Search
  English  ▼

X  

AFB24-IP Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # AFB24-IP
Description  Control modulating, Cloud, communicative,Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFB24-IP Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  AFB24-IP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFB24-IP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AFB24-IP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC AFB24-IP Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical data sheet
AFB24-IP
www.belimo.us
AFB24-IP • en-us • 2020-09-01 • Subject to change
3 / 4
This can be inverted in cases of control with an analogue positioning signal. The inversion causes the
reversal of the standard behaviour, i.e. for control signal 0%, the actuator is opened to max and for
control signal 100%, the actuator is closed.
For fail-safe, modulating control of dampers in HVAC systems. Actuator sizing should be done in
accordance with the damper manufacturer’s specifications. The actuator is mounted directly to a damper
shaft up to 1.05” in diameter by means of its universal clamp. A crank arm and several mounting brackets
are available for applications where the actuator cannot be direct coupled to the damper shaft. The
actuator operates in response to a 2 to 10 VDC or, with the addition of a 500Ω resistor, a 4 to 20 mA
control input from an electronic controller or positioner. A 2 to 10 VDC feedback signal is provided for
position indication. Not to be used for a master-slave application.
Simple direct mounting on the damper shaft with a universal shaft clamp, supplied with an anti-rotation
device to prevent the actuator from rotating.
The recorded data (integrated data recording for 13 months) can be used for analytical purposes.
Download csv files via web browser.
Manual override with push-button possible (the gear is disengaged for as long as the button is pressed or
remains locked).
Adjustable angle of rotation with mechanical end stops.
The actuator is overload protected, requires no limit switches and automatically stops when the end stop
is reached.
The first time the supply voltage is switched on, i.e. at the time of commissioning, the actuator carries out
an adaption, which is when the operating range and position feedback adjust themselves to the
mechanical setting range.
The actuator then moves into the position defined by the positioning signal.
An adaption can be triggered manually by pressing the "Adaption" button. Both mechanical end stops are
detected during the adaption (entire setting range).
The actuator then moves into the position defined by the positioning signal.
Accessories
Sähköiset lisävarusteet Kuvaus
Tyyppi
Connection cable 5 m, A: RJ11 6/4 ZTH EU, B: 6-pin for connection to service socket ZK1-GEN
Electrical installation
Connection via safety isolating transformer.
Parallel power connection of additional actuators is possible. Observe the transformer size and
performance data.
Wiring diagrams
AC/DC 24 V
Cable colors:
1 = black
2 = red
5 = orange
10 = yellow-black
11 = yellow-pink
12 = yellow-grey
Connection of a notebook for
parameterisation and manual
control via RJ45.
Optional connection via RJ45
(direct connection Notebook /
connection via Intranet or Internet)
for access to the integrated web
server
Positioning signal inversion
Application
Simple direct mounting
Data recording
Manual override
Adjustable angle of rotation
High functional reliability
Home position
Adaptation and synchronisation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com