Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6435IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6435IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6435IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F6435IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6435IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
8.46 12-Bit DAC, Linearity Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see
Figure 8-17)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Resolution
12-bit monotonic
12
bits
INL
Integral nonlinearity(2)
VeREF+ = 1.5 V, DAC12AMPx = 7, DAC12IR = 1
2.2 V
±2
±4(1)
LSB
VeREF+ = 2.5 V, DAC12AMPx = 7, DAC12IR = 1
3 V
±2
±4
DNL
Differential nonlinearity(2)
VeREF+ = 1.5 V, DAC12AMPx = 7, DAC12IR = 1
2.2 V
±0.4
±1(1)
LSB
VeREF+ = 2.5 V, DAC12AMPx = 7, DAC12IR = 1
3 V
±0.4
±1
EO
Offset voltage
Without calibration(2) (3)
VeREF+ = 1.5 V,
DAC12AMPx = 7,
DAC12IR = 1
2.2 V
±21(1)
mV
VeREF+ = 2.5 V,
DAC12AMPx = 7,
DAC12IR = 1
3 V
±21
With calibration(2) (3)
VeREF+ = 1.5 V,
DAC12AMPx = 7,
DAC12IR = 1
2.2 V
±1.5(1)
VeREF+ = 2.5 V,
DAC12AMPx = 7,
DAC12IR = 1
3 V
±1.5
dE(O)/dT
Offset error temperature
coefficient(2)
With calibration
2.2 V, 3 V
±10
µV/°C
EG
Gain error
VeREF+ = 1.5 V
2.2 V
±2.5
%FSR
VeREF+ = 2.5 V
3 V
±2.5
dE(G)/dT
Gain temperature
coefficient(2)
2.2 V, 3 V
10
ppm of
FSR/
°C
tOffset_Cal
Time for offset
calibration(4)
DAC12AMPx = 2
2.2 V, 3 V
165
ms
DAC12AMPx = 3, 5
66
DAC12AMPx = 4, 6, 7
16.5
(1)
This parameter is not production tested.
(2)
Parameters calculated from the best-fit curve from 0x0F to 0xFFF. The best-fit curve method is used to deliver coefficients "a" and "b"
of the first-order equation: y = a + bx. VDAC12_xOUT = EO + (1 + EG) × (VeREF+ / 4095) × DAC12_xDAT, DAC12IR = 1.
(3)
The offset calibration works on the output operational amplifier. Offset calibration is triggered by setting the DAC12CALON bit.
(4)
The offset calibration can be done if DAC12AMPx = {2, 3, 4, 5, 6, 7}. The output operational amplifier is switched off with DAC12AMPx
= {0, 1}. TI recommends configuring the DAC12 module before initiating calibration. Port activity during calibration may effect accuracy
and is not recommended.
V
R+
Gain Error
Offset Error
DAC Code
DAC V
OUT
Ideal transfer
function
R
=
Load
¥
AV
CC
C
= 100 pF
Load
2
DAC Output
Positive
Negative
Figure 8-17. Linearity Test Load Conditions and Gain and Offset Definitions
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com