Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVT
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607IDBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA607IDBVT Datasheet HTML 20Page - Texas Instruments OPA607IDBVT Datasheet HTML 21Page - Texas Instruments OPA607IDBVT Datasheet HTML 22Page - Texas Instruments OPA607IDBVT Datasheet HTML 23Page - Texas Instruments OPA607IDBVT Datasheet HTML 24Page - Texas Instruments OPA607IDBVT Datasheet HTML 25Page - Texas Instruments OPA607IDBVT Datasheet HTML 26Page - Texas Instruments OPA607IDBVT Datasheet HTML 27Page - Texas Instruments OPA607IDBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
9.2.3.2 Detailed Design Procedure
To achieve a SNR of greater than 40 dB for signals from 300 uVrms to 30 mV the front-end stage has two gain
settings: 6 V/V and 31 V/V. The SW (switch, relay, or analog mux) can be dynamically toggled to ensure
maximum sensitively to the receiving signal. The OPAx607 devices prove to be an attractive solution for this
front-end signal chain because of the right balance of low noise and high input impedance. The ultrasonic
sensors (Ex. piezo crystal) have high output impedance. The OPAx607 devices have an input bias current of 20
pA (maximum). This small bias current results in reduced distortion and signal loss across the source impedance
when compared with a bipolar amplifier with input bias currents in the range of a few hundreds of nano-amperes.
The OPAx607's high-gain front-end is followed by a narrowband band-pass filter that is tuned to a 200-kHz
center frequency. The narrowband filter is designed using the OPA837. OPA837 can be used as a variable gain
mux / PGA as shown in TIDA-01565. In this application section the OPA837-based band-pass filter was
designed using the techniques mentioned in the Filter Design in Thirty Seconds application report.
Figure 9-11 shows the frequency response of circuit in Figure 9-9. As shown in Figure 9-11, the frequency
response is a high-Q factor band-pass filter centered around 200 kHz. Designing such a high-Q band-pass filter
helps eliminate white band noise along with other interferences present in the circuitry, resulting in a high SNR
signal chain. The OPAx607's front-end combined with the OPA837-based band-pass filter help to achieve a total
gain of 33 dB (44 V/V) or 50 dB (316 V/V) based on the SW (switch) position.
9.2.3.3 Application Curves
Input RMS voltage (V)
20
30
40
50
60
70
80
90
100
100P
1m
10m
100m
D001
50 dB Gain
33 dB Gain
Figure 9-10. Hi-Z, High-Gain Front-End Circuit SNR
vs Input
Frequency (Hz)
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
D005
Gain setting = 33 dB
Gain setting = 50 dB
Figure 9-11. Hi-Z, High-Gain Front-End Circuit Gain
vs Frequency
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com