Electronic Components Datasheet Search
  English  ▼

X  

OP07CP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OP07CP
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07CP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OP07CP Datasheet HTML 2Page - Texas Instruments OP07CP Datasheet HTML 3Page - Texas Instruments OP07CP Datasheet HTML 4Page - Texas Instruments OP07CP Datasheet HTML 5Page - Texas Instruments OP07CP Datasheet HTML 6Page - Texas Instruments OP07CP Datasheet HTML 7Page - Texas Instruments OP07CP Datasheet HTML 8Page - Texas Instruments OP07CP Datasheet HTML 9Page - Texas Instruments OP07CP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
T (°C)
-50
0
50
100
150
-50
0
50
100
150
200
D001
Low
Mean
High
OP07C, OP07D
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
www.ti.com
7.6 Operating Characteristics
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
OP07C
OP07D
PARAMETER
TEST CONDITIONS(1)
UNIT
TYP
TYP
f = 10 Hz
10.5
10.5
Vn
Input offset voltage
f = 100 Hz
10.2
10.3
nV/
√Hz
f = 1 kHz
9.8
9.8
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.38
0.38
µV
f = 10 Hz
0.35
0.35
In
Equivalent input noise current
f = 100 Hz
0.15
0.15
nV/
√Hz
f = 1 kHz
0.13
0.13
IN(PP)
Peak-to-peak equivalent input noise current
f = 0.1 Hz to 10 Hz
15
15
pA
SR
Slew rate
RL ≥ 2 kΩ
0.3
0.3
V/µs
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise noted.
8 Typical Characteristics
Figure 1. Input-Offset Voltage vs. Temperature
6
Submit Documentation Feedback
Copyright © 1983–2014, Texas Instruments Incorporated
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com