Electronic Components Datasheet Search
  English  ▼

X  

LM940 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # LM940
Description  LTE 600/75 | HSPA 42.0/11.5 mPCIe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LM940 Datasheet(HTML) 2 Page - Telit loT Solutions

  LM940 Datasheet HTML 1Page - Telit loT Solutions LM940 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Key Specifications
• Form Factor: PCI Express Mini Card type
(mPCIE)
• Chipset: Qualcomm MDM9240
Modern Features
• LTE Cat. 11 3GPP Rel. 11
- Up to 600 Mbps DL w/3x CA DL, 256QAM DL
• HSPA+ Rel. 9
- Up to 42/11.5 Mbps DL/UL
• Data only module
RF Bands
• LTE FDD: 1-5, 7, 8, 12, 13, 17, 20, 25, 26, 28,
29, 30, 66
• LTE TDD: 38, 40, 41
• 3G: 1, 2, 4, 5, 8
Other Key Features
• 32 bit ARM Cortex-A7 up to 1.19 GHz running
Linux operating system
• Full GNSS support: GPS, GLONASS, Galileo,
Beidou
• USB drivers for Windows 7, 8x, 10 and Linux
(Kernel 4.10)
Temperature Range
• Operating: -40 to +85°C
• Storage: -40 to +85°C
Operating Voltage
• 3.1V – 3.6V (Typical 3.3V)
Dimension
• 50.95 x 30 x 2.8mm
Approvals
• FCC/IC, PTCRB, GCF (North America)
• RED/GCF (Europe)
• RCM (Australia)
• Network carriers: AT&T, Sprint, T-Mobile US,
Verizon
Interfaces
• USB 2.0/3.0
• Two selectable SIM cards
• GPIOs
Request a FREE project review
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation
to the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time without notice to you. For
most recent documents,please visit www.telit.com
Copyright © 2019, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook
|
www.telit.com/linkedin |
www.telit.com/twitter
LM940



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com