Electronic Components Datasheet Search
  English  ▼

X  

OP07DDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OP07DDR
Description  OP07x Precision Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07DDR Datasheet(HTML) 4 Page - Texas Instruments

  OP07DDR Datasheet HTML 1Page - Texas Instruments OP07DDR Datasheet HTML 2Page - Texas Instruments OP07DDR Datasheet HTML 3Page - Texas Instruments OP07DDR Datasheet HTML 4Page - Texas Instruments OP07DDR Datasheet HTML 5Page - Texas Instruments OP07DDR Datasheet HTML 6Page - Texas Instruments OP07DDR Datasheet HTML 7Page - Texas Instruments OP07DDR Datasheet HTML 8Page - Texas Instruments OP07DDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
OP07C, OP07D
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC+
(2)
0
22
Supply voltage
V
VCC–
(2)
–22
0
Differential input voltage(3)
±30
V
VI
Input voltage range (either input)(4)
±22
V
Duration of output short circuit(5)
Unlimited
TJ
Operating virtual-junction temperature
150
°C
Lead temperature 1.6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC−.
(3)
Differential voltages are at IN+ with respect to IN
−.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
(5)
The output may be shorted to ground or to either power supply.
7.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
TSTG
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
1000
pins(1)
Electrostatic
V(ESD)
V
Discharge
Charged device model (CDM), per JEDEC specification JESD22-
0
1000
C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
3
18
Supply voltage
VCC–
–3
–18
V
VIC
Common-mode input voltage
VCC± = ±15 V
–13
13
TA
Operating free-air temperature
0
70
°C
7.4 Thermal Information
THERMAL METRIC(1)
D
P
UNIT
RθJA
Junction-to-ambient thermal resistance
97
85
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
4
Submit Documentation Feedback
Copyright © 1983–2014, Texas Instruments Incorporated
Product Folder Links: OP07C OP07D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com