Electronic Components Datasheet Search
  English  ▼

X  

ME910C1 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # ME910C1
Description  LTE Cat M1/NB1 mPCIe Data Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

ME910C1 Datasheet(HTML) 2 Page - Telit loT Solutions

  ME910C1 Datasheet HTML 1Page - Telit loT Solutions ME910C1 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental
• Dimensions: 51 x 30 x 3.2 mm
• Temperature Range:
-40 °C to +85 °C
• REACH and RoHS compliant
Interfaces
• 181-pin LGA interface
• 10 I/O ports (1.8V) including
multifunctional I/Os
• USB 2.0 HS
• UART
• SPI
• 1.8 V/3 V SIM interface
Approvals
• RED (Europe)
Electrical
• Supply voltage
- Nominal: 3.3 V dc
- Range: 3.0-3.6 V dc
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2020, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook |
www.telit.com/facebook |
www.telit.com/Linkedin |
www.telit.com/twitter
ME910C1-WW
Market
4G Bands
(MHz)
2G Bands
(MHz)
• LTE UE Cat M1/NB1
• 3GPP Rel. 13 compliant
• Half-duplex FDD
• Single Rx, single antenna
• 3GPP Rel. 12 PSM
• 3GPP Rel. 13 eDRX
• 3GPP Rel. 13 extended coverage
• Control via AT commands according to 3GPP TS
27.005, 27.007 and customized AT commands
• SIM application tool kit 3GPP TS 51.01
• SMS
• IPv4/IPv6 stack with TCP and UDP protocol
• OMA Lightweight M2M (LwM2M)
• FOTA update
• Telit application development environment:
AppZone C
• SSL
• Optional embedded GNSS (GPS, GLONASS,
Beidou, Galileo)
Product Features
Data
LTE Cat M1
• Uplink up to 375 kbps
• Downlink up to 300 kbps
LTE Cat NB1
• Uplink up to 62.5 kbps
• Downlink up to 21 kbps
EGPRS
• Uplink up to 236 kbps
• Downlink up to 296 kbps
ME910C1 Mini PCIe Series
Worldwide
B1 (2100), B2 (1900), B3 (1800), B4 (AWS 1700), B5 (850), B8
(900), B12 (700), B13 (700), B18 (800), B19 (800), B20 (800),
B26 (850), B28 (700)
B2 (1900) B3 (1800) B5 (850) B8 (900)
PTCRB, GCF, RED, FCC/IC, RCM, Jate, Telec, CCC, AT&T,
Verizon, NTT DoCoMo, Deutsche Telekom, Anatel, Telstra, Ifetel,
Rogers, Telus, US Cellular
Approvals



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com