Electronic Components Datasheet Search
  English  ▼

X  

SE868-AS Datasheet(PDF) 2 Page - Telit loT Solutions

Part # SE868-AS
Description  JUPITER SE868K7-A/AL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

SE868-AS Datasheet(HTML) 2 Page - Telit loT Solutions

  SE868-AS Datasheet HTML 1Page - Telit loT Solutions SE868-AS Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Features
• 32-pad QFN package with
embedded SMT antenna
• Embedded 9 x 9 mm SMT antenna
• Frequency Bands: GPS L1, QZSS L1,
• Standards: NMEA
• Jamming rejection
• Additional LNA + SAW filter
• A-GPS: ephemeris file injection
• EGNOS, WAAS, GAGAN and MSAS
capability embedded with correction
of positional errors due to ionospheric
and orbital disturbances
Environmental
• Dimensions: 11 x 11 x 6.1 mm (SE868K7-A)
• Dimensions: 11 x 11 x 4.1 mm (SE868K7-AL)
• Weight: <2 g
• Temperature range:
- Operating temperature: -40 to +85°C
- Storage temperature: -40 to +85°C
Interfaces
• 2x UART
• PPS for precise timing
Approvals
• RoHS compliant
• R&TTE
Electrical & Sensitivity
• Current consumption
- Backup :
‹ 30 uW
- Full power tracking:
‹ 70 mW (G+G)
- Full power acquisition: ‹ 80 mW (G+G)
• Sensitivity (SE868K7-A)
- Acquisition: -148 dBm
- Navigation: -161 dBm
- Tracking:
-164 dBm
• Sensitivity (SE868K7-AL)
- Acquisition: -146 dBm
- Navigation: -159 dBm
- Tracking:
-160 dBm
• Power supply
- Range from 3 up to 4.3 V
• Positional accuracy (CEP50):
Autonomous Positional Error = 2.5m
• Accuracy
- Speed: ‹ 0.01 m/s
- Heading: ‹ 0.01 deg
• Time to first fix (90% @ -130 dBm)
- Hot start: 1 s
- Cold start: ‹ 35 s
JUPITER SE868K7-A / AL
Model
Constellations
Interfaces
Features
GPS/
QZSS GLONASS Galileo BDS UART I2C
Add.
LNA SAW Track. Sensitivity Acq. Sensitivity
Flash
Size
SE868-A
•
•
•
•
•
-159
-145
•
11 x 11 x 6.1
SE868K3-A
•
•
•
•
•
•
•
-164
-148
•
11 x 11 x 6.1
SE868K3-AL
•
•
•
•
•
•
•
-160
-145
•
11 x 11 x 4.1
SE868-AS
•
•
-160
-146
11 x 11 x 6.1
SE868K7-A
•
•
•
•
-164
-148
11 x 11 x 6.1
SE868K7-AL
•
•
•
•
-160
-146
11 x 11 x 4.1
Telit Wireless Solutions Inc.
3131 RDU Center Drive, Suite 135
Morrisville, NC 27560, USA
Phone +1 888 846 9773 or +1 919 439 7977
Fax
+1 888 846 9774 or +1 919 840 0337
E-Mail NORTHAMERICA @ telit.com
Telit Wireless Solutions Inc.
Rua Paes Leme, 524, Conj, 126
05424-101, Pinheiros
São Paulo-SP-Brazil
Phone +55 11 3031 5051
Fax
+55 11 3031 5051
E-Mail LATINAMERICA @ telit.com
Telit Wireless Solutions Co., Ltd.
8th Fl., Shinyoung Securities Bld.
6, Gukjegeumyung-ro8-gil, Yeongdeungpo-gu
Seoul, 150-884, Korea
Phone +82 2 368 4600
Fax
+82 2 368 4606
E-Mail APAC @telit.com
Join the Telit Technical Forum
For a quicker and more rewarding integration experience join
the Telit Technical Forum. There you can browse the first open
forum covering all IoT topics, get direct support by region
(EMEA, North America, Latin America, APAC), take part in this
quickly growing IoT community and exchange experiences.
Telit Communications S.p.A.
Via Stazione di Prosecco, 5/B
I-34010 Sgonico (Trieste), Italy
Phone +39 040 4192 200
Fax
+39 040 4192 383
E-Mail EMEA @ telit.com
Telit reserves all rights to this document and the information contained herein. Products, names, logos
and designs described herein may in whole or in part be subject to intellectual property rights.
The information contained herein is provided “as is”. No warranty of any kind, either express or implied,
is made in relation to the accuracy, reliability, fitness for a particular purpose or content of this document.
This document may be revised by Telit at any time. For most recent documents, please visit www.telit.com
Copyright © 2017, Telit
* Copyright © 1990-2017, Python Software Foundation
www.telit.com
www.telit.com/techforum
www.telit.com/facebook
www.twitter.com/Telit_IoT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com