Electronic Components Datasheet Search
  English  ▼

X  

SL869 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # SL869
Description  Jupiter SL869-T Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

SL869 Datasheet(HTML) 1 Page - Telit loT Solutions

  SL869 Datasheet HTML 1Page - Telit loT Solutions SL869 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The Jupiter SL869-T is a special Timing variant of the
well-known SL869 Family that provides an accurate time
reference even with only one visible satellite.
SL869-T is able to track GPS, GLONASS and is Galileo
ready. The SL869-T has best in class 1PPS output with 20ns
accuracy over 24H and is able to compensate the error
introduced by the length of the RF cable. The PPS (Pulse
Per Second) output of GNSS receivers is often used as
synchronization source in several applications like cellular
communication and real time systems. The PPS accuracy
could, under certain conditions, be not good enough or
could be affected by a clock error coming from unhealthy
satellites. The SL869-T is provided with a TRAIM (Time Ref-
erence Algorithm Integrity Monitor) algorithm that allows
to remove the satellites not providing a good clock refer-
ence from those used to compute the time base. SL869-T is
the best solution for Time sensitive applications and is able
to output a high quality PPS with 2 satellites in visibility and
keep PPS output with only 1 satellite.
Key Features
•Based on the STM Teseo II core
•GNSS supported: GPS L1, GLONASS L1, Galileo E1
•16 x 12.2 x 2.4 mm LLC package
•Timing accuracy : <20nsec over 24hr period
•TRAIM – Timing Receiver Autonomous Integrity Monitoring
•1PPS accuracy with only one satellite
•Self Survey Mode : Receiver optimize measurements for
the time calculation
•Compensation for cable delay
Key Benefits
•Multi-constellation provide multiple sources of Timing
information
•The ability to identify, isolate and remove satellites that
may have issues
•1PPS accuracy with only one satellite
•Receiver will enter a position hold mode thus optimizing
measurements for the calculation of time
•The ability to compensate for RF cable loss by advance or
delay in the 1PPS
Family Concept
The xL869 is Telit’s GNSS Unified Form Factor family which
allows customers to select among different GNSS technol-
ogies. Modules in this family are offered in a 16 x 12.2 mm,
24-pad, LCC package supporting GPS, GLONASS, Galileo,
and QZSS constellations.
Our positioning product portfolio is the result of over
twenty years of experience in GNSS applications. Telit
has developed a range of products compatible with the
wellknown GPS constellation as well as its Russian
counterpart GLONASS. Moreover, our portfolio is fully
aligned with the upcoming service launch of Europe’s
Galileo constellation. Valuable features such as Dead
Reckoning, Precision Timing, as well as speed and reli-
ability assured by multiconstellation coverage, provide
additional benefits for your application.
Your application development effort can also benefit
significantly from the seamless integration between Telit’s
cellular and positioning modules. This bundling of cellular
and positioning modules significantly reduces develop-
ment complexity without adding costs. Multi-constellation
positioning products applied together with our eCall / ERA-
GLONASS compliant cellular modules bring you ready-
to-use emergency automotive tracking solutions for the
European and Russian markets.
Typical applications include fleet management systems,
European GPS-assisted road tolling systems, cellular base
stations, in-car navigation systems, automotive telematics
systems, and GPS-based personal sports training monitors.
JUPITER SL869-T Series
GNSS Standalone
16 mm
Timing
GNSS
Embedded
ENABLING THE IoT
IS WHAT WE DO.
Combine your
GNSS module with
Cellular
modules
Short Range
modules
www.telit.com
12.2 mm
2.4 mm


Similar Part No. - SL869

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
SL869-ADR TELIT-SL869-ADR Datasheet
426Kb / 2P
GNSS Standalone
SL869-V3 TELIT-SL869-V3 Datasheet
589Kb / 2P
GNSS Embedded
SL869T3-I TELIT-SL869T3-I Datasheet
268Kb / 2P
JUPITER SL869T3-I NavIC/IRNSS
More results

Similar Description - SL869

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
logo
Marktech Corporate
MT640-R2 MARKTECH-MT640-R2 Datasheet
26Kb / 1P
T-1 LOW CURRENT SERIES
logo
EPCOS
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
SIMID series, SIMID 1812-T
logo
Banner Engineering Corp...
M18T BANNER-M18T_V01 Datasheet
544Kb / 8P
T-GAGE짰 M18T Series Sensor
logo
Telit loT Solutions
SC872-A TELIT-SC872-A Datasheet
440Kb / 2P
JUPITER SC872-A
SE868-AS TELIT-SE868-AS Datasheet
172Kb / 2P
JUPITER SE868 AS
SE868K7-A TELIT-SE868K7-A Datasheet
716Kb / 2P
JUPITER SE868K7-A/AL
SL869T3-I TELIT-SL869T3-I Datasheet
268Kb / 2P
JUPITER SL869T3-I NavIC/IRNSS
logo
TE Connectivity Ltd
C-2359420 TEC-C-2359420 Datasheet
871Kb / 1P
NECTOR T, 3Pos, T-SPLITTER
logo
Littelfuse
JLLS LITTELFUSE-JLLS_V01 Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com