Electronic Components Datasheet Search
  English  ▼

X  

D5212 Datasheet(PDF) 1 Page - G.M. International

Part # D5212
Description  I.S. SIL2 2/4-Wire Transmitter Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D5212 Datasheet(HTML) 1 Page - G.M. International

  D5212 Datasheet HTML 1Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.gminternational.com
FSM
SIL 3
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information presented herein refers to the time of document issue.
No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not release the user from the obligation of own judgment and verification. Terms & Conditions can be
found at our website. For more information refer to instruction manual.
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S. certificates from the most credited Notified Bodies in the world.
I.S. SIL2 2/4-Wire Transmitter Power Supply
D5212
The Repeater Power Supply D5212 module is a high integrity analog input interface suitable for applications requiring SIL 2 level in
safety related systems for high risk industries. It provides a fully floating dc supply for energizing conventional 2 wires 0/4-20 mA, active
or passive, transmitters located in Hazardous Area, and repeats the current in floating circuit to drive Safe Area loads. The module is
fully configurable to achieve input/output multiplexing, scaling, duplication, inversion, and input elaboration (addition, subtraction, low/
high selection). An additional alarm contact can be (de-)activated on programmable input trip points, including hysteresis and delays.
Configuration and diagnostic parameters are programmable and can also be monitored/set through Modbus.
Intrinsically Safe Isolators > Analog Input
FEATURES
• SIL 2 (pending)
• Input from Zone 0/Div. 1
• Installation in Zone 2/Div. 2
• 0/4-20 mA Active-Passive Input, Source Output
• Duplication/inversion/scaling output
• Input operations (sum, dif, max, min) available
• Input and Output short circuit proof
• Out of range fault detection
• Alarm output with user-settable trip points
• Modbus RTU RS-485 for monitor & configuration
• Fully programmable operating parameters
• High Accuracy, µP controlled A/D converter
• Three port isolation, Input / Output / Supply
• High Density, four channels per unit
FUNCTION DIAGRAM
MODEL D5212Q
=
=
13
14
11
12
1
2
Alarm Out
Out 1
+
-
I
?
In 1
Out 2
Out 3
Out 4
Common negative
connection
=
=
Termination
board
connector
+
-
F
Power and
Fault Bus
Modbus RS485
A-
B+
Modbus RS485
for configuration
=
9 +
10 - Supply 24 Vdc
3
4
5
6
7
8
13
14
I
?
13
14
I
?
13
14
I
?
21
22
+
-
15
16
+
-
I
?
I
?
I
?
I
?
23
24
+
-
17
18
+
-
I
?
In 3
I
?
I
?
I
?
19
20
+
-
I
?
+
-
I
?
+
-
I
?
+
-
I
?
In 2
In 4
2 Wire Tx
2 Wire Tx
External Powered Tx
2 Wire Tx
2 Wire Tx
Common positive connection
for passive transmitter input
(SIL 2)
(SIL 2)
(SIL 2)
(SIL 2)
Common negative connection
for active transmitter input
External Powered Tx
RL
mA
+
-
Source I
RL
mA
+
-
Source I
RL
mA
+
-
Source I
RL
mA
+
-
Source I
Hazardous Area
TECHNICAL DATA
Supply
24 Vdc nom (21.5 to 30 Vdc), reverse polarity protected.
Current consumption: 200 mA @ 24 Vdc with 20 mA input/output,
typical.
Power dissipation: 2.75 W @ 24 Vdc with 20 mA input/output, typical.
Input
0/4 to 20 mA (2 wire Tx current limited ≈ 25 mA) or separately powered
inputs (only for channels 1 and 2).
Transmitter line voltage: 14.5 V typical, 14.0 V minimum, @ 20 mA.
Integration time: 500 ms.
Output
0/4 to 20 mA, on max. 300 Ω load source mode, current limited ≈ 25 mA.
Response time: 100 ms (10 to 90 % step change).
Alarm
Trip point range: within rated limits of the input sensor.
ON-OFF delay time: 0 to 1000 s, 100 ms step.
Hysteresis: within rated limits of input sensor.
Output: voltage free SPST photoMOS: 100 mA, 60 Vdc (≤ 1 V voltage
drop).
Modbus interface
Modbus RTU RS-485 up to 57.6 kbps for monitor/configuration/control.
Performance
Ref. Conditions: 24 V supply, 250 Ω loads, 23 ± 1 °C ambient
temperature.
Input Calibration accuracy: ≤ ± 0.05 % FSR.
Input Linearity accuracy: ≤ ± 0.05 % FSR.
Analog output Calibration accuracy: ≤ ± 0.05 % FSR.
Analog output Linearity accuracy: ≤ ± 0.05 % FSR.
Isolation
I.S. In/Out 1.5 kV; I.S. In/Supply 1.5 kV; Out/Supply 500 V; I.S. In/Alarm
1.5 kV; Supply/Alarm 500 V; Out/Alarm 500 V.
Safety description
Associated apparatus and non-sparking electrical equipment.
Uo = 24.1 V, Io = 86 mA, Po = 516 mW at terminals 13-14, 15-16, 17-18,
19-20.
Uo = 1.1 V, Io = 56 mA, Po = 16 mW at terminals 21-22, 23-24.
Ui = 30 V at terminals 21-22, 23-24.
Ii = 128 mA at terminals 21-22, 23-24.
Ci = 2.1 nF, Li = 0 nH at terminals 21-22, 23-24.
Um = 250 Vrms or Vdc, -40 °C ≤ Ta ≤ 70 °C.
Mounting
DIN-Rail 35 mm, with or without Power Bus or on custom Term. Board.
Weight: about 120 g.
Connection: by polarized plug-in disconnect screw terminal blocks to
accomodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 22.5 mm, Depth 123 mm, Height 120 mm.
ORDERING INFORMATION
D5212Q: 4 channels
Accessories
Bus Connector JDFT050, Bus Mounting Kit OPT5096.
Programmable USB serial line Kit PPC5092 + SWC5090.
Additional installation diagrams may be found in Instruction Manual.
DTS0341-7
© G.M. International s.r.l.
Safe Area/Zone 2/Div. 2


Similar Part No. - D5212

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
D521C MPS-D521C Datasheet
469Kb / 12P
1.6MHz Synchronous Step-Down plus 200mA LDO
More results

Similar Description - D5212

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5011 GMI-D5011 Datasheet
278Kb / 1P
I.S. SIL3 2-Wire HART짰 Transmitter Power Supply
D5014 GMI-D5014 Datasheet
286Kb / 1P
I.S. SIL3 2/4-Wire HART짰 Transmitter Power Supply
D5015 GMI-D5015 Datasheet
276Kb / 1P
I.S. SIL2 2/4-Wire HART짰 Transmitter Power Supply
D5062 GMI-D5062 Datasheet
157Kb / 2P
I.S. SIL2 Vibration Transducer Interface
D5254 GMI-D5254 Datasheet
154Kb / 2P
I.S. SIL2 2/4-Wire Transmitter Trip Amplifier
D5273 GMI-D5273 Datasheet
151Kb / 2P
I.S. SIL2 Temperature Converter & Trip Amplifier
D6014 GMI-D6014 Datasheet
194Kb / 2P
SIL3 2/4-Wire HART® Transmitter Power Supply
D6015 GMI-D6015 Datasheet
152Kb / 2P
SIL2 2/4-Wire HART® Transmitter Power Supply
D6212 GMI-D6212 Datasheet
161Kb / 2P
SIL2 2/4-Wire Transmitter Power Supply
D6254 GMI-D6254 Datasheet
151Kb / 2P
SIL2 2/4-Wire Transmitter Trip Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com