Electronic Components Datasheet Search
  English  ▼

X  

FN980 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # FN980
Description  LTE Advanced/5G Data card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

FN980 Datasheet(HTML) 2 Page - Telit loT Solutions

  FN980 Datasheet HTML 1Page - Telit loT Solutions FN980 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Features
• 5G sub-6 and mmWave FDD and TDD, SA and
NSA operations
• 5G core network Opt. 3a/3x and Opt. 2
• 4G: 7 CA, up to 20 layers DL/3 CA UL, 256-QAM
DL/UL
• 3G: HSPA+ Rel. 8 (DL/UL 42/11 Mbps)
• GNSS: gpsOne Gen 9 Band L1 on dedicated RF
connector, L5 shared with cellular
• Voice support: VoLTE, VoNR (under evaluation),
PCM audio over USB
• Four antenna connectors for LTE/sub-6
• Four mmWave antennas supported
• 5G 4 × 4 MIMO support on Bands 1, 2, 3, 4, 7,
25, 30, 32, 41, 42, 43, 46, 48, 66
• Antenna types: four LTE/sub-6 and four
QTM525/527
• FOTA support
• Dimensions: 30 × 50 × 3.5 mm
Data Throughput
• 5G up to 5.5 DL/2.7 UL Gbps
• 4G up to 2 Gbps DL/211 Mbps UL
• 3G up to 42 DL/11 UL Mbps
Environmental
• Operating temperature range:
-40 °C to +85 °C
Interfaces
• 1.8/3 V SIM Interface
• USB 3.1 Gen 2 and 2.0
• PCIe Gen3
• Drivers support: Windows 10, Linux
Electrical & Sensitivity
• LTE/5G sub-6 output power
- 23 dBm (Power Class 3)
• Supply voltage
- Nominal: 3.3 V dc
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2020 Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook |
www.telit.com/linkedin |
www.telit.com/twitter
FN980/FN980m
Variants
FN980
FN980m
Market
North America, EMEA, APAC
5G FR1
n1, n2, n3, n5, n7, n8, n12*, n20, n25, n28,
n38, n40, n41, n48, n66, n71, n77, n78, n79
5G FR2
LTE
JRL/JTBL, FCC, PTCRB, RED, GCF, Various MNOs
North America, EMEA, APAC
KCC, FCC, PTCRB, RED, GCF, Various MNOs
n1, n2, n3, n5, n7, n8, n12*, n20, n25, n28,
n38, n40, n41, n48, n66, n71, n77, n78, n79
n257, n258, n260, n261
1, 2, 3, 4, 5, 7, 8, 12, 13, 14, 17, 18, 19, 20, 25, 26, 28, 29DL, 30, 32,
34, 38, 39, 40, 41, 42, 43*, 46(LAA), 48(CRS), 66, 71
1, 2, 3, 4, 5, 7, 8, 12, 13, 14, 17, 18, 19, 20, 25, 26, 28, 29DL, 30, 32,
34, 38, 39, 40, 41, 42, 43*, 46(LAA), 48(CRS), 66, 71
Approvals
WCDMA
1, 2, 3, 4, 5, 6, 8, 9, 19
1, 2, 3, 4, 5, 6, 8, 9, 19
* future release



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com