Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS138 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS138
Description  SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS138 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS138 Datasheet HTML 1Page - Texas Instruments SN74HCS138 Datasheet HTML 2Page - Texas Instruments SN74HCS138 Datasheet HTML 3Page - Texas Instruments SN74HCS138 Datasheet HTML 4Page - Texas Instruments SN74HCS138 Datasheet HTML 5Page - Texas Instruments SN74HCS138 Datasheet HTML 6Page - Texas Instruments SN74HCS138 Datasheet HTML 7Page - Texas Instruments SN74HCS138 Datasheet HTML 8Page - Texas Instruments SN74HCS138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Memory device selection with shared data bus
• Reduce required number of outputs for chip select
applications
• Route data
3 Description
The SN74HCS138 is a three to eight decoder with
one standard output strobe (G2) and two active low
output strobes (G 1 and G 0). When the outputs are
gated by any of the strobe inputs, they are all forced
into the high state. When the outputs are not disabled
by the strobe inputs, only the selected output is low
while all others are high.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS138PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS138D
SOIC (16)
9.90 mm × 3.90 mm
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS138
SCLS832 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS138
SN74HCS138
SCLS832 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS138 TI-SN74HCS138 Datasheet
1Mb / 25P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
1Mb / 24P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
2Mb / 30P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
2Mb / 33P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
2Mb / 33P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS138-Q1 TI-SN74HCS138-Q1 Datasheet
668Kb / 18P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238 TI-SN74HCS238 Datasheet
660Kb / 18P
SN74HCS238 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238 TI-SN74HCS238_V01 Datasheet
660Kb / 18P
SN74HCS238 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138_V01 Datasheet
1Mb / 25P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V01 Datasheet
1Mb / 24P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V02 Datasheet
2Mb / 30P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V03 Datasheet
2Mb / 33P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238 TI-SN74HCS238_V02 Datasheet
2Mb / 32P
SN74HCS238 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138_V02 Datasheet
2Mb / 33P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V04 Datasheet
2Mb / 37P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com