Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS166 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS166
Description  SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS166 Datasheet HTML 6Page - Texas Instruments SN74HCS166 Datasheet HTML 7Page - Texas Instruments SN74HCS166 Datasheet HTML 8Page - Texas Instruments SN74HCS166 Datasheet HTML 9Page - Texas Instruments SN74HCS166 Datasheet HTML 10Page - Texas Instruments SN74HCS166 Datasheet HTML 11Page - Texas Instruments SN74HCS166 Datasheet HTML 12Page - Texas Instruments SN74HCS166 Datasheet HTML 13Page - Texas Instruments SN74HCS166 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
8 Detailed Description
8.1 Overview
Logic Diagram (Positive Logic) for SN74HCS166 describes the SN74HCS166, an parallel-load 8-bit shift register
with an asynchronous clear ( CLR). These parallel-in or serial-in, serial-out registers feature gated clock (CLK,
CLK INH) inputs and an overriding clear (CLR) input. The parallel-in or serial-in modes are established by the
shift/load (SH/ LD) input. When high, SH/ LD enables the serial (SER) data input and couples the eight flip-flops
for serial shifting with each clock (CLK) pulse. When low, the parallel (broadside) data inputs are enabled, and
synchronous loading occurs on the next clock pulse.
During parallel loading, serial data flow is inhibited. Clocking is accomplished on the low-to-high-level edge of
CLK through a 2-input positive-NOR gate, permitting one input to be used as a clock-enable or clock-inhibit
function. Holding either CLK or CLK INH high inhibits clocking; holding either low enables the other clock input.
This allows the system clock to be free running, and the register can be stopped on command with the other
clock input. CLK INH should be changed to the high level only when CLK is high.
CLR overrides all other inputs, including CLK, and resets all flip-flops to zero. All inputs include Schmitt-triggers
allowing for slow input transitions and providing more noise margin.
8.2 Functional Block Diagram
SH/LD
SER
CLK INH
CLK
C1
1D
R
1
15
2
10
A
B
C
D
E
F
G
H
11
12
13
14
15
16
17
18
CLR
1
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
C1
1D
R
13
QH
Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS166
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.3.2 CMOS Schmitt-Trigger Inputs
This device includes inputs with the Schmitt-trigger architecture. These inputs are high impedance and are
typically modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics table
from the input to ground. The worst case resistance is calculated with the maximum input voltage, given in the
SN74HCS166
SCLS843 – AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com