Electronic Components Datasheet Search
  English  ▼

X  

SLE4428C Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SLE4428C
Description  ICs for Chip Cards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE4428C Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SLE4428C Datasheet HTML 9Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 10Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 11Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 12Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 13Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 14Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 15Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 16Page - Siemens Semiconductor Group SLE4428C Datasheet HTML 17Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Semiconductor Group
10
4
Security Features SLE 4428
Extra Operation for User Identification (Fig. 9)
Without a PSC entry only reading is possible. The contents of the PSC addresses cannot be read
out. If reading is attempted, "00" will appear. The verification procedure of the chip must be
performed in the following sequence (Table 1):
– write one not written error-counter bit, address "1021",
– enter first PSC-code byte, address "1022",
– enter second PSC-code byte, address "1023",
– after correct input the error counter can be erased.
After the PSC verification, I/O goes from "1" to "0". It is switched back to “1” by RST transition “0”
to “1”. The error counter is not automatically erased.
Writing Error Counter
Before PSC entry only writing of the error counter is possible. The number of erased bits of the error
counter determines the number of possible attempts (max. 8). After successful access the error
counter should be erased before disconnecting the supply voltage in order to reactivate the
8 attempts. Each error when entering the PSC requires the writing of a new counter bit.
Entry of PSC
The least-significant PSC byte beginning with the least significant bit must be entered first and then
the most-significant one. If the internal data comparison proves correct, the EEPROM is enabled for
erasing and writing as long as the operating voltage is applied. After enabling, the PSC may be
altered as wished, except the corresponding protect bits are "0".
Condition when supplied
SLE 4428 is only supplied by the producer with a 2-byte PSC (transport code) which is agreed with
the customer.
Table 1
Control Words for Command Entry, User Identification
Byte 1
Byte 2
Byte 3
Operation
S0 S1 S2 S3 S4 S5 A8A9
A0-A7
D0-D7
0
1
0
0
1
1
1
1
253
Bit mask
Write error counter
10
11
00
1
1
254
PSC byte 1
Verify 1st PSC byte
1
0
1
1
0
0
1
1
255
PSC byte 2
Verify 2nd PSC byte
SLE 4418
SLE 4428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com