Electronic Components Datasheet Search
  English  ▼

X  

MB34S Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB34S
Description  3A SURFACE MOUNT SCHOTTKY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB34S Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB34S Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB34S Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB34S Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB34S THRU MB320S MBS
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
3A SURFACE MOUNT SCHOTTKY BRIDGE
RECTIFIER Reverse Voltage - 40 to 200 V
Forward Current - 3A
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: MBS
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 100mg / 0.0035oz
 
 
 
 
 
 
MBS
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
MB34S
MB36S
MB38S
MB310S
MB320S
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
40
60
80
100
200
V
Maximum RMS voltage
VRMS
28
42
56
70
140
V
Maximum DC Blocking Voltage
VDC
40
60
80
100
200
V
Average Rectified Output Current
IF(AV)
3
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
80
70
A
Max Instantaneous Forward Voltage at 3 A
VF
0.55
0.70
0.85
0.95
V
@
TA=25°C
0.5
0.3
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=100°C
IR
10
5
μA
Typical Junction Capacitance(Note1)
Cj
250
160
pF
Typical Thermal Resistance (Note2)
RθJA
60
°C/W
Operating and Storage Temperature Range
Tj
-55 ~ +150
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.


Similar Part No. - MB34S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB34S YFWDIODE-MB34S Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Shanghai Leiditech Elec...
MB34S LEIDITECH-MB34S Datasheet
919Kb / 3P
Schottky Mount glass Passivatd Bridge Rectifier
logo
SHIKUES Electronics
MB34S SKTECHNOLGY-MB34S Datasheet
298Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Shanghai Shunye Electro...
MB34S SHUNYE-MB34S Datasheet
648Kb / 2P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
MB34S-MBS YFWDIODE-MB34S-MBS Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB34S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB34F YFWDIODE-TB34F Datasheet
82Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB34S YFWDIODE-TB34S Datasheet
82Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34S-MBS YFWDIODE-MB34S-MBS Datasheet
438Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB32S-ABS YFWDIODE-TB32S-ABS Datasheet
420Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB34F-ABF YFWDIODE-TB34F-ABF Datasheet
420Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34F YFWDIODE-MB34F Datasheet
495Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
TB34S YFWDIODE-TB34S_V01 Datasheet
503Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB34F SKTECHNOLGY-MB34F Datasheet
278Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
MB34S SKTECHNOLGY-MB34S Datasheet
298Kb / 3P
3A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com