Electronic Components Datasheet Search
  English  ▼

X  

74LVC157APG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74LVC157APG
Description  3.3V CMOS QUAD 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER, 5 VOLT TOLERANT I/O
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC157APG Datasheet(HTML) 2 Page - Integrated Device Technology

  74LVC157APG Datasheet HTML 1Page - Integrated Device Technology 74LVC157APG Datasheet HTML 2Page - Integrated Device Technology 74LVC157APG Datasheet HTML 3Page - Integrated Device Technology 74LVC157APG Datasheet HTML 4Page - Integrated Device Technology 74LVC157APG Datasheet HTML 5Page - Integrated Device Technology 74LVC157APG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EXTENDEDCOMMERCIALTEMPERATURERANGE
IDT74LVC157A
3.3V CMOS QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
CAPACITANCE (TA = +25°C, f = 1.0MHZ)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output
Capacitance
VOUT = 0V
5.5
8
pF
CI/O
I/O Port
Capacitance
VIN = 0V
6.5
8
pF
LVC QUAD Link
NOTE:
1. As applicable to the device type.
SOIC/ SSOP/ TSSOP/ QSOP
TOP VIEW
S O16-7
S O16-8
S O16-9
S O16-10
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
V CC
A/B
1
A
G
1
B
1
Y
2
A
2
B
2
Y
GND
4
A
4
B
4
Y
3
A
3
B
3
Y
PIN CONFIGURATION
PIN DESCRIPTION
Pin Names
Description
A/B
Select Input (Active LOW)
G
Common Strobe Input (Active LOW)
xY
Data Output
xA, xB
Data Inputs
FUNCTION TABLE(1)
Inputs
Outputs
G
A/B
xA
xB
xY
HX
X
X
L
LLL
X
L
LL
H
X
H
LH
X
L
L
LH
X
H
H
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Description
Max.
Unit
VTERM
Terminal Voltage with Respect to GND
– 0.5 to +6.5
V
TSTG
Storage Temperature
– 65 to +150
°C
IOUT
DC Output Current
– 50 to +50
mA
IIK
IOK
Continuous Clamp Current,
VI < 0 or VO < 0
– 50
mA
ICC
ISS
Continuous Current through
each VCC or GND
±100
mA
LVC QUAD Link
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device.
This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied.
Exposure to absolute maximum
rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com