Electronic Components Datasheet Search
  English  ▼

X  

DF329 Datasheet(PDF) 16 Page - PADAUK Technology.

Part # DF329
Description  3-Phase Brushless DC Motor Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF329 Datasheet(HTML) 16 Page - PADAUK Technology.

Back Button DF329 Datasheet HTML 9Page - PADAUK Technology. DF329 Datasheet HTML 10Page - PADAUK Technology. DF329 Datasheet HTML 11Page - PADAUK Technology. DF329 Datasheet HTML 12Page - PADAUK Technology. DF329 Datasheet HTML 13Page - PADAUK Technology. DF329 Datasheet HTML 14Page - PADAUK Technology. DF329 Datasheet HTML 15Page - PADAUK Technology. DF329 Datasheet HTML 16Page - PADAUK Technology. DF329 Datasheet HTML 17Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DF329
3-Phase Brushless DC Motor Controller
©Copyright 2019, PADAUK Technology Co., Ltd.
Page 16 of 17
PDK-DS-DF329-EN-V002 – Mar. 6, 2019
8. POR for DC Fan Application
As shown in Fig 8-1, DF329 generates a good power on reset (POR) signal when VDD rises from 0V to 5V in
TPOR (max. 50ms) and rises through the voltage range of 0.7V to 1.6V in TFSV (max. 10ms).
If there are a lot of abnormal power noises in VDD power-on time period and TPOR and TFSV do not meet the
specifications, DF329 is not able to guarantee circuit initialization and may cause a malfunction.
5V
VDD
VDD Power-on Time
0V
0.7V
1.6V
TFSV
TPOR
TFSV < 10ms
TPOR < 50ms
time
Fig. 8-1
During power-off as shown in Fig 8-2 and Fig 8-3, VDD has to be discharged to VPDRV (max. is 0.7V) for the next
power-on. In case VDD is more than VPDRV, it is not recognized to do the next power-on.
5V
VDD Power-off
0V
Max. is 0.7V
time
VDD
VPDRV
5V
VDD Power-off
0V
Max. is 0.7V
time
VDD
VPDRV
Fig. 8-2
Fig. 8-3
NOTICE:
It may cause DF329 malfunction, fail or crash when power-on and power-off do not meet the specifications.
Another proper POR is needed in order to get rid of such status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com