Electronic Components Datasheet Search
  English  ▼

X  

PMC271 Datasheet(PDF) 37 Page - PADAUK Technology.

Part # PMC271
Description  Field Programmable Processor Array
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMC271 Datasheet(HTML) 37 Page - PADAUK Technology.

Back Button PMC271 Datasheet HTML 33Page - PADAUK Technology. PMC271 Datasheet HTML 34Page - PADAUK Technology. PMC271 Datasheet HTML 35Page - PADAUK Technology. PMC271 Datasheet HTML 36Page - PADAUK Technology. PMC271 Datasheet HTML 37Page - PADAUK Technology. PMC271 Datasheet HTML 38Page - PADAUK Technology. PMC271 Datasheet HTML 39Page - PADAUK Technology. PMC271 Datasheet HTML 40Page - PADAUK Technology. PMC271 Datasheet HTML 41Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
PMC271/PMS271 Series
8-bit ADC FPPA
TM 8-bit Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 37 of 90
PDK-DS-PMX271-EN_V105 – Dec. 18, 2018
whenever stating the system. The program code for IHRC frequency calibration is executed only one time that
occurs in writing the codes into OTP memory; after then, it will not be executed again. If the different option for
IHRC calibration is chosen, the system status is also different after boot. The following shows the status of
PMC271/PMS271 for different option:
(1) .ADJUST_IC
SYSCLK=IHRC/2, IHRC=16MHz, VDD=5V, Bandgap=On
After boot up, CLKMD = 0x34:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is enabled
System CLK = IHRC/2 = 8MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(2) .ADJUST_IC
SYSCLK=IHRC/4, IHRC=16MHz, VDD=3.3V, Bandgap=On
After boot up, CLKMD = 0x14:
IHRC frequency is calibrated to 16MHz@VDD=3.3V and IHRC module is enabled
System CLK = IHRC/4 = 4MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(3) .ADJUST_IC
SYSCLK=IHRC/8, IHRC=16MHz, VDD=2.5V, Bandgap=On
After boot up, CLKMD = 0x3C:
IHRC frequency is calibrated to 16MHz@VDD=2.5V and IHRC module is enabled
System CLK = IHRC/8 = 2MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(4) .ADJUST_IC
SYSCLK=IHRC/16, IHRC=16MHz, VDD=2.5V, Bandgap=On
After boot up, CLKMD = 0x1C:
IHRC frequency is calibrated to 16MHz@VDD=2.5V and IHRC module is enabled
System CLK = IHRC/16 = 1MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(5) .ADJUST_IC
SYSCLK=IHRC/32, IHRC=16MHz, VDD=5V, Bandgap=Off
After boot up, CLKMD = 0x7C:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is enabled
System CLK = IHRC/32 = 500KHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode
(6) .ADJUST_IC
SYSCLK=ILRC, IHRC=16MHz, VDD=5V, Bandgap=Off
After boot up, CLKMD = 0XE4:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is disabled
System CLK = ILRC
Watchdog timer is disabled, ILRC is enabled, PA5 is input mode
(7) .ADJUST_IC
DISABLE
After boot up, CLKMD is not changed (Do nothing):
IHRC is not calibrated and IHRC module is disabled. Bandgap is not calibrated
System CLK = ILRC
Watchdog timer is enabled, ILRC is enabled, PA5 is in input mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com