Electronic Components Datasheet Search
  English  ▼

X  

SL-360PR Datasheet(PDF) 1 Page - Tadiran Batteries GmbH

Part # SL-360PR
Description  Standard use and stand-by
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TADIRN [Tadiran Batteries GmbH]
Direct Link  https://tadiranbatteries.de/
Logo TADIRN - Tadiran Batteries GmbH

SL-360PR Datasheet(HTML) 1 Page - Tadiran Batteries GmbH

  SL-360PR Datasheet HTML 1Page - Tadiran Batteries GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.5
2.0
1.5
1.0
0.5
0.0
0.01
0.1
1
10
100
1000
Current / mA
Available Capacity
1
2
3
4
5
1:
2:
3:
4:
5:
+72 °C
+55 °C
+25 °C
0 °C
−30 °C
Operating Voltage
Temperature / °C
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
−50 −35 −20 −5
10
25 40
55 70 85 100
1:
2:
3:
4:
5:
20 mA
6 mA
2 mA
0.2 mA
0.02 mA
4
5
3
2
1
Typical Discharge Curves at +25 °C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.1
1
10
102
103
104
105
Time / h
1
2
3
4
5
6
7
1:
2:
3:
4:
5:
6:
7:
180 Ω
560 Ω
1.8 kΩ
5.6 kΩ
18 kΩ
56 kΩ
180 kΩ
~20 mA
~6 mA
~2 mA
~0.6 mA
~0.2 mA
~0.06 mA
~0.02 mA
1.5 Ah
2.1 Ah
2.4 Ah
2.4 Ah
2.3 Ah
2.1 Ah
1.9 Ah
+
45
45
1−0.1
1−0.1
3.17
0.15 thick
0.2 thick
0.2 thick
Ø 4.2−0.3
+0.2
7±0.5
10.16
Ø 14.7–1.2
Any values given here are for informational purposes only. They also depend on actual
conditions of use and are not warranties of future performance. Subject to change.
Tadiran Batteries GmbH • Industriestr. 22 • 63654 BÜDINGEN
GERMANY • Tel.: +49 (0)6042 954-0 • www.tadiranbatteries.de
8
LTC Batteries
Performance Data
(Typical values for batteries stored at +25 °C for one year)
WARNING:
Fire, explosion, and
severe burn hazard. Do not
recharge, disassemble, heat
above 100 °C, incinerate, or
expose contents to water.
SL-360
Size: AA
System
Lithium Thionyl Chloride
Nominal voltage
3.6 V
Nominal capacity
2.4 Ah
Nominal current
2 mA
Max. continuous discharge current 20 mA
Anode surface area
14 cm2
Lithium content
0.65 g
Weight
18 g
Volume
8 cm3
Temperature range
−55 °C ... +85 °C
Available Terminations
Catalogue No.
SL-360/S
Standard
11 1 03601 00
SL-360/T
Tags
11 1 03602 00
SL-360/P
Pins
11 1 03603 00
SL-360/PR
Pins radial
11 1 03606 00
SL-360/PT
Polarized tags
11 1 03608 00
SL-360/S
SL-360/T
SL-360/P
SL-360/PT
SL-360/PR
› Standard use and stand-by


Similar Part No. - SL-360PR

ManufacturerPart #DatasheetDescription
logo
Tadiran Batteries GmbH
SL-361 TADIRN-SL-361 Datasheet
348Kb / 1P
Standard use and stand-by
SL-361P TADIRN-SL-361P Datasheet
348Kb / 1P
Standard use and stand-by
SL-361PR TADIRN-SL-361PR Datasheet
348Kb / 1P
Standard use and stand-by
SL-361PT TADIRN-SL-361PT Datasheet
348Kb / 1P
Standard use and stand-by
SL-361S TADIRN-SL-361S Datasheet
348Kb / 1P
Standard use and stand-by
More results

Similar Description - SL-360PR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
TDA7250 STMICROELECTRONICS-TDA7250 Datasheet
135Kb / 11P
6W AUDIO AMPLIFIER WITH STAND-BY
Mar-1995
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Unisonic Technologies
TDA7499 UTC-TDA7499 Datasheet
228Kb / 5P
6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05 Datasheet
468Kb / 4P
Low Stand-by Power Consumption
logo
MORNSUN Science& Techno...
MBP300-2A27D27 MORNSUN-MBP300-2A27D27 Datasheet
1Mb / 7P
Low stand-by power consumption
logo
Tadiran Batteries GmbH
SL-350 TADIRN-SL-350 Datasheet
326Kb / 1P
Standard use and stand-by
SL-361 TADIRN-SL-361 Datasheet
348Kb / 1P
Standard use and stand-by
logo
STMicroelectronics
AN1599 STMICROELECTRONICS-AN1599 Datasheet
788Kb / 20P
VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
Nov-2003
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com