Electronic Components Datasheet Search
  English  ▼

X  

MCP1633 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology MCP1633 Datasheet HTML 10Page - Microchip Technology MCP1633 Datasheet HTML 11Page - Microchip Technology MCP1633 Datasheet HTML 12Page - Microchip Technology MCP1633 Datasheet HTML 13Page - Microchip Technology MCP1633 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MCP1633
DS20006289A-page 10
 2020 Microchip Technology Inc.
FIGURE 2-19:
Oscillator Frequency vs. Fsw
Pin Voltage (VDD=5V, Temperature=25°C).
FIGURE 2-20:
Oscillator Frequency vs.
RFsw (VDD=5V, Temperature=25°C).
FIGURE 2-21:
Oscillator Frequency vs. Fsw
Pin Voltage (VDD=3V, Temperature=25°C).
FIGURE 2-22:
Error Amplifier Input Offset
vs. Temperature).
FIGURE 2-23:
Input Quiescent Disable
Current vs.Temperature.
FIGURE 2-24:
Input Quiescent Enable
Current vs.Temperature.
0
500
1000
1500
2000
2500
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
VFsw (V)
0
300
600
900
1200
1500
1800
2100
2400
0
20
40
60
80
100
120
140
160
RFsw (kΩ)
0
500
1000
1500
2000
2500
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
VFsw (V)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
0.34
0.35
0.36
0.37
0.38
0.39
0.4
0.41
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com