Electronic Components Datasheet Search
  English  ▼

X  

TLC272 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC272 Datasheet HTML 19Page - Texas Instruments TLC272 Datasheet HTML 20Page - Texas Instruments TLC272 Datasheet HTML 21Page - Texas Instruments TLC272 Datasheet HTML 22Page - Texas Instruments TLC272 Datasheet HTML 23Page - Texas Instruments TLC272 Datasheet HTML 24Page - Texas Instruments TLC272 Datasheet HTML 25Page - Texas Instruments TLC272 Datasheet HTML 26Page - Texas Instruments TLC272 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 18
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 5 V
VDD = 4 V
VDD = 3 V
TA = 25°C
See Note A
VIC = 0.5 V
VID = – 1 V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
7
6
5
4
3
2
1
0
8
1.0
IOL – Low-Level Output Current – mA
0
NOTE A: The 3-V curve only applies to the C version.
Figure 19
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 16 V
VDD = 10 V
VID = – 1 V
VIC = 0.5 V
TA = 25°C
2.5
2.0
1.5
1.0
0.5
25
20
15
10
5
0
30
3.0
IOL – Low-Level Output Current – mA
0
Figure 20
0
60
16
0
2
4
6
8
10
12
14
10
20
30
40
50
VDD – Supply Voltage – V
TA = – 55°C
RL = 10 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
TA = 25°C
TA = 85°C
TA = 125°C
TA = 0°C
Figure 21
– 75
50
125
0
– 50
– 25
0
25
50
75
100
5
10
15
20
25
30
35
40
45
VDD = 5 V
VDD = 10 V
RL = 10 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com