Electronic Components Datasheet Search
  English  ▼

X  

TLC2201ACDR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201ACDR
Description  Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201ACDR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLC2201ACDR Datasheet HTML 39Page - Texas Instruments TLC2201ACDR Datasheet HTML 40Page - Texas Instruments TLC2201ACDR Datasheet HTML 41Page - Texas Instruments TLC2201ACDR Datasheet HTML 42Page - Texas Instruments TLC2201ACDR Datasheet HTML 43Page - Texas Instruments TLC2201ACDR Datasheet HTML 44Page - Texas Instruments TLC2201ACDR Datasheet HTML 45Page - Texas Instruments TLC2201ACDR Datasheet HTML 46Page - Texas Instruments TLC2201ACDR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS LOW NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
5, 6
IIB
Input bias current
vs Common-mode input voltage
7
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
7
8
VOM
Maximum peak output voltage
vs Output current
9
VOM
Maximum peak output voltage
vs Output current
vs Free-air temperature
9
10
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
11
vs Frequency
12
VOH
High-level output voltage
vs Frequency
vs High-level output current
12
13
VOH
High-level output voltage
vs High-level output current
vs Free-air temperature
13
14
VOL
Low-level output voltage
vs Low-level output current
15
VOL
Low-level output voltage
vs Low-level output current
vs Free-air temperature
15
16
AVD
Large-signal differential voltage amplification
vs Frequency
17
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
17
18
IOS
Short-circuit output current
vs Supply voltage
19
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
19
20
CMRR
Common-mode rejection ratio
vs Frequency
21
IDD
Supply current
vs Supply voltage
22
IDD
Supply current
vs Supply voltage
vs Free-air temperature
22
23, 24
Pulse response
Small signal
25, 26
Pulse response
Small signal
Large signal
25, 26
27, 28
SR
Slew rate
vs Supply voltage
29
SR
Slew rate
vs Supply voltage
vs Free-air temperature
29
30
Noise voltage (referred to input)
0.1 to 1 Hz
31
Noise voltage (referred to input)
0.1 to 1 Hz
0.1 to 10 Hz
31
32
Gain-bandwidth product
vs Supply voltage
33, 34
Gain-bandwidth product
vs Supply voltage
vs Free-air temperature
33, 34
35
φm
Phase margin
vs Supply voltage
36, 37
φm
Phase margin
vs Supply voltage
vs Free-air temperature
36, 37
38, 39
Phase shift
vs Frequency
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com