Electronic Components Datasheet Search
  English  ▼

X  

TLC271ACPS Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271ACPS
Description  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPS Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC271ACPS Datasheet HTML 31Page - Texas Instruments TLC271ACPS Datasheet HTML 32Page - Texas Instruments TLC271ACPS Datasheet HTML 33Page - Texas Instruments TLC271ACPS Datasheet HTML 34Page - Texas Instruments TLC271ACPS Datasheet HTML 35Page - Texas Instruments TLC271ACPS Datasheet HTML 36Page - Texas Instruments TLC271ACPS Datasheet HTML 37Page - Texas Instruments TLC271ACPS Datasheet HTML 38Page - Texas Instruments TLC271ACPS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (MEDIUM-BIAS MODE)†
Figure 58
800
700
600
500
400
100
75
50
25
0
– 25
– 50
300
125
900
TA – Free-Air Temperature – °C
– 75
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
See Figure 101
CL = 20 pF
VI = 10 mV
VDD = 5 V
Figure 59
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
750
700
650
600
550
500
450
14
12
10
8
6
4
2
400
16
800
VDD – Supply Voltage – V
0
VI = 10 mV
CL = 20 pF
TA = 25°C
See Figure 101
Phase Shift
180
°
0
°
30
°
60
°
90
°
120
°
150
°
106
105
104
103
102
101
1
100 K
10
1 k
100
10
0.1
1 M
f – Frequency – Hz
1
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
VDD = 5 V
RL = 100 kΩ
TA = 25°C
107
AVD
Figure 60
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com