Electronic Components Datasheet Search
  English  ▼

X  

TLC374 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC374
Description  LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC374 Datasheet(HTML) 3 Page - Texas Instruments

  TLC374 Datasheet HTML 1Page - Texas Instruments TLC374 Datasheet HTML 2Page - Texas Instruments TLC374 Datasheet HTML 3Page - Texas Instruments TLC374 Datasheet HTML 4Page - Texas Instruments TLC374 Datasheet HTML 5Page - Texas Instruments TLC374 Datasheet HTML 6Page - Texas Instruments TLC374 Datasheet HTML 7Page - Texas Instruments TLC374 Datasheet HTML 8Page - Texas Instruments TLC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLC374, TLC374Q, TLC374Y
LinCMOS
 QUADRUPLE DIFFERENTIAL COMPARATORS
SLCS118C – NOVEMBER 1983 – REVISED MARCH 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC374Y chip information
This chip, when properly assembled, displays characteristics similar to the TLC374C. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJMAX = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS.
PIN (12) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
–
3OUT
3IN +
3IN –
GND
(10)
(9)
(8)
(11)
(14)
–
+
(13)
4IN +
4IN –
4OUT
(12)
+
–
VDD
(3)
(4)
(7)
(6)
(5)
(1)
–
+
(2)
65
90
1IN +
1IN –
2OUT
1OUT
2IN +
2IN –
(13)
(14)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com