Electronic Components Datasheet Search
  English  ▼

X  

H997 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # H997
Description  4mm Base Lampholders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

H997 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  H997 Datasheet HTML 1Page - Gilway Technical Lamp H997 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
4mm Base Lampholders
H9941
Lamp Base
G-4, GU4
GZ4 (MR-11)
Holder
Ceramic
Maximum
Ratings
50 Volts
10 Amps
230°C
Wire
18 AWG Stranded
Teflon Insulation
140mm Wire Length
H9941-515
510mm Wire Length
H9941-M3
M-3 Threaded
Mounting Inserts
H9941-M3-395
M-3 Threaded
Mounting Inserts
395mm Wire Length
H992
Discontinued
Lamp Base
G-4
Holder
Heat Resistant
Phenolic Plastic
Maximum
Ratings
24 Volts
10 Amps
180°C
Wire
18 AWG Stranded
Silicone Insulation
135mm Wire Length
H9901 - ReplacesH992
Lamp Base
G-4
GZ4, GU4
Holder
Ceramic
Maximum
Ratings
24 Volts
10 Amps
230°C
Wire
18 AWG Stranded
Silicone Insulation
135mm Wire Length
H9901-180
180mm Wire Length
H9901-215
215mm Wire Length
H9901-390
390mm Wire Length
28
HX814
** REPLACES HX983 **
Lamp Base
Universal
G-4,GY4,GZ4,GX5.3,G6.35,GY6.35,GZ6.35
Holder
Ceramic
Maximum
Ratings
24 Volts
10 Amps
230°C
Wire
18 AWG Stranded
Silicone Insulation
135mm Wire Length
H9901-180
180mm Wire Length
H9901-215
215mm Wire Length
H9901-390
390mm Wire Length


Similar Part No. - H997

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
9.5mm Base Lampholders
More results

Similar Description - H997

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H912 GILWAY-H912 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H943 GILWAY-H943 Datasheet
49Kb / 1P
R7 Base Lampholders
H989 GILWAY-H989 Datasheet
657Kb / 2P
5.3mm Base Lampholders
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
9.5mm Base Lampholders
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
Commercial Grade Lampholders
logo
Visual Communications C...
920 VCC-920 Datasheet
1Mb / 4P
Midget Flange incandescent Lampholders
922 VCC-922 Datasheet
524Kb / 1P
Midget Flange incandescent Lampholders
925 VCC-925 Datasheet
508Kb / 1P
Midget Flange incandescent Lampholders
930 VCC-930 Datasheet
563Kb / 1P
Miniature Bayonet lampholders
12-208 VCC-12-208 Datasheet
586Kb / 3P
DOUBLE CONTACT BAYONET BASE NON-GROUNDED LAMPHOLDERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com