Electronic Components Datasheet Search
  English  ▼

X  

TLC372CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372CPWR
Description  LinCMOS DUAL DIFFERENTIAL COMPARATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC372CPWR Datasheet HTML 6Page - Texas Instruments TLC372CPWR Datasheet HTML 7Page - Texas Instruments TLC372CPWR Datasheet HTML 8Page - Texas Instruments TLC372CPWR Datasheet HTML 9Page - Texas Instruments TLC372CPWR Datasheet HTML 10Page - Texas Instruments TLC372CPWR Datasheet HTML 11Page - Texas Instruments TLC372CPWR Datasheet HTML 12Page - Texas Instruments TLC372CPWR Datasheet HTML 13Page - Texas Instruments TLC372CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114E − NOVEMBER 1983 − REVISED JULY 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
circuit-design considerations (continued)
Figure 5
VDD
0
Input Voltage (V)
8
1
2
3
4
5
6
7
VDD + 4
VDD + 8
VDD + 12
TA = 25°C
INPUT CURRENT
vs
POSITIVE INPUT VOLTAGE
Figure 6
TA = 25°C
−0.9
−0.7
−0.5
Input Voltage (V)
0
−0.3
−1
−2
−3
−4
−5
−6
−7
−8
−9
−10
INPUT CURRENT
vs
NEGATIVE INPUT VOLTAGE
+
Vref
TLC372
RL
VDD
RI
See Note A
VI
Positive Voltage Input Current Limit:
Negative Voltage Input Current Limit:
RI =
+VI − VDD − 0.3 V
5 mA
RI =
| − VI | − 0.3 V
5 mA
NOTE A: If the correct output state is required when the negative input is less than GND, a schottky clamp is required.
Figure 7. Typical Input Current-Limiting Configuration for a LinCMOS
 Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com