Electronic Components Datasheet Search
  English  ▼

X  

TLC2272CPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272CPWR
Description  TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272CPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC2272CPWR Datasheet HTML 22Page - Texas Instruments TLC2272CPWR Datasheet HTML 23Page - Texas Instruments TLC2272CPWR Datasheet HTML 24Page - Texas Instruments TLC2272CPWR Datasheet HTML 25Page - Texas Instruments TLC2272CPWR Datasheet HTML 26Page - Texas Instruments TLC2272CPWR Datasheet HTML 27Page - Texas Instruments TLC2272CPWR Datasheet HTML 28Page - Texas Instruments TLC2272CPWR Datasheet HTML 29Page - Texas Instruments TLC2272CPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
g
OUT
S
Load
R
V
R
I
R
=
´
´
1
1
2
g
g
g
2
OUT
BAT
S
Load
1
1
2
2
R
1
R
R
R
1
2 R
R
R
R
R
V
V
R
I
R
R
R
1
1
R
R
æ
ö
æ
ö
ç
÷
+
+
ç
÷
-
ç
÷
ç
÷
è
ø
=
´
+
´
´
ç
÷
ç
÷
+
+
ç
÷
ç
÷
è
ø
1
1
2
g
g
g
2
1
2
OUT
1
2
1
1
2
2
R
1
R
R
R
1
2 R
R
R
R
R
V
V
V
(V
V )
R
R
R
2
1
1
R
R
æ
ö
æ
ö
ç
÷
+
+
ç
÷
-
ç
÷
ç
÷
+
è
ø
=
´
+
-
ç
÷
ç
÷
+
+
ç
÷
ç
÷
è
ø
_
+
RS
V1
V2
VBAT
R1
VOUT
ILOAD
ILOUD
R2
0.1 µF
R
Rg
47 k
26
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
8.2 Typical Application
8.2.1 High-Side Current Monitor
Figure 60. Equivalent Schematic (Each Amplifier)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 3 as the input parameters.
Table 3. Design Parameters
PARAMETER
VALUE
VBAT
Battery Voltage
12 V
RSENSE
Sense Resistor
0.1
Ω
ILOAD
Load Current
0 A to 10 A
Operational Amplifier
Set in Differential configuration with Gain = 10
8.2.1.2 Detailed Design Procedure
This circuit is designed for measuring the high-side current in automotive body control modules with 12-V battery
or similar applications. The operational amplifier is set as differential with an external resistor network.
8.2.1.2.1
Differential Amplifier Equations
Equation 1 and Equation 2 are used to calculate VOUT.
(1)
(2)
In an ideal case R1 = R and R2 = Rg, and VOUT can then be calculated using Equation 3:
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com