Electronic Components Datasheet Search
  English  ▼

X  

M62032AFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62032AFP
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62032AFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62032AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62032AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62032AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62032AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUBISHI<STD-LINEAR>
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62032AFP
ABSOLUTE MAXIMUM RATINGS (Ta=25 ˚C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25 ˚C, unless otherwise noted)
<Reset circuit2>
Input Voltage Range
Input Current
VIN
IIN
VIN=1.25V
V
nA
-0.3
VCC
7.0
100
500
VCC
≤ 7V
VCC>7V
-0.3
Symbol
Parameter
Test conditions
Unit
Limits
VS2
Detecting Voltage2
Hysteresis Voltage2
V
mV
∆VS2
Min
Typ
Max
1.20
1.25
1.30
9
15
23
<Common specification>
<Reset circuit1>
Symbol
Parameter
Test Conditions
Unit
Limits
VS1
Detecting Voltage 1
Hysteresis Voltage 1
Constant Current
Low Output Voltage 1
V
mV
V
∆VS1
IPD
VOL1
Min
Typ
Max
1.20
1.25
9
15
0.2
uA
-1.4
Input Voltage Range
Input Current
VIN
IIN
VIN=1.25V
V
nA
-0.3
100
VCC
≤ 7V
VCC>7V
-0.3
IOL=5mA
Delay Time
tpd1
Cd=0.01uF
mS
* The delay time can be varied by changing the connecting capacitance(Cd).
Tpd = CV/I = Cd x 1E6 (sec)
Symbol
Parameter
Conditions
Unit
Ratings
VCC
ISINK
VO
VRES
Pd
Ktheta
Topr
Tstg
Supply Voltage
Output Sink Current
Output Voltage
Self Reset Input Voltage
Power Dissipation
Thermal Derating
Operating Temperature
Ta
≥ 25˚C
10
8.0
10
10
300
3.0
-20 to +75
-40 to +125
mA
V
V
mW
mW/˚C
˚C
˚C
Storage Temperature
V
Symbol
Parameter
Test conditions
Unit
Limits
VCC
Supply Voltage Range
Circuit Current in OFF
V
VCC=5V
Min
Typ
Max
2
10
Detecting Voltage Temperature
Coefficient
Output Leak Current
%/°C
IOH
0.01
ICC1
Output "L" Propagation Delay Time
us
VOPL
Threshold Operating Voltage
V
0.67
0.8
0
TPHL
CL=100pF
RL=2.2k
Ω,VOL
≤ 0.4V
uA
RL=100k
Ω,VOL
≤ 0.4V
0.55
0.70
10
∆VS/∆T
TPLH/
∆T
The Hysteresis Voltage
Temperature Coefficient
Propagation Delay Time
Temperature Coefficient
0.01
0.10
0.3
0.6
mA
1
VS/
∆T
VRESH
IRESH
VRESL
VRES
Input "HIGH" voltage
Input "HIGH" current
Input "LOW" voltage
VRES=2V
2
VCC
V
V
uA
80
0.8
-0.3
1.30
23
0.4
VCC
7.0
500
Maximum Delay Time
tpdmax
10
680
1130
Cd=0.68uF
∆VSCin Delay Capacitor part
Hysteresis Voltage
250
mV
%/°C
%/°C
( 3 / 4 )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com