Electronic Components Datasheet Search
  English  ▼

X  

AL05P Datasheet(PDF) 1 Page - DFI Inc

Part # AL05P
Description  Intel Atom Processor E3900 Series 2.5 Pico-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL05P Datasheet(HTML) 1 Page - DFI Inc

  AL05P Datasheet HTML 1Page - DFI Inc AL05P Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.04
0.00
41.67
69.08
72.00
21.84
69.08
Intel Atom® Processor E3900 Series
2.5" Pico-ITX
Mechanical Drawing
Block Diagram
Features
AL05P
Atom
• Small form factor 2.5" Pico-ITX for space-limited applications
• PoE single board solution support PoE PD 48VDC
• PoE PD IEEE 802.3AF with isolation protection +0.5KV
• Support LPDDR4 memory down up to 4GB
• Expansion and Storage: 1 Mini PCIe, 1 SMBus, 1 eMMC
• Rich I/O: 1 LAN, 1 COM, 2 USB 3.1 Gen1, 2 USB 2.0
Top View
Bottom View
LAN/PoE PD
USB 3.1 Gen1
Mini PCIe
DIO
Intel Atom®
Processor
Front Panel
Mini PCIe
Mini DP++
4K2K
Display
4096x2160
DP++
USB 2.0
COM
SMBus
12V DC
DDR4
COM ESD
Protection
air gap ±15kv


Similar Part No. - AL05P

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
AL05-100-JA RCD-AL05-100-JA Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
AL05-100-JAQ RCD-AL05-100-JAQ Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
AL05-100-JAW RCD-AL05-100-JAW Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
AL05-100-JB RCD-AL05-100-JB Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
AL05-100-JBQ RCD-AL05-100-JBQ Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
More results

Similar Description - AL05P

ManufacturerPart #DatasheetDescription
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL051 DFI-AL051 Datasheet
693Kb / 2P
Intel Atom 2.5 Pico-ITX
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
AAEON Technology
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com