Electronic Components Datasheet Search
  English  ▼

X  

AL9A3 Datasheet(PDF) 1 Page - DFI Inc

Part # AL9A3
Description  Intel Atom Processor E3900 Series COM Express Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL9A3 Datasheet(HTML) 1 Page - DFI Inc

  AL9A3 Datasheet HTML 1Page - DFI Inc AL9A3 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
AL9A3
Intel® AtomTM Processor E3900 Series
COM Express® Mini
Features
DDR3L
BOTTOM
TOP
DDR3L
Bottom View
Top View
85.00
20.00
Standoff
Module PCB
Heatsink
55.00
51.00
4.00
0.00
EEPROM
USB 2.0 8x
SATA 3.0 2x
Intel Atom® Processor
E3900 Series
Intel® I210
AT/IT
MDI
Channel A
DDI Port 0
HD Audio
LPC Bus
WDT
I2C Bus 1, 2
Serial Port 1, 2
Fan PWM/
TACH IN
SLP/LID
USB 3.0 2x
PCIe x1 4x
4GB/8GB DDR3L
Memory Down
Channel B
4GB/8GB DDR3L
Memory Down
SMBus
SMBus
8-bit GPIO
TCA6408A
SSD Chip
SATA Ports
eDP/DDI
(optional)
PTN3460
LVDS
(optional)
SPI Bus
SPI BIOS
Embedded
Controller
SDIO
PCIe x1
Wide
Temperature
-400C
850C
Atom
Intel®AtomTM
Processor E3900
Series
SATA 3.0
• Dual Channel DDR3L 1600MHz Memory Down up to 8GB
• 1 LVDS/eDP, 1 DDI (HDMI/DVI/DP)
Supports dual displays: DDI + LVDS/eDP
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansions: 4 PCIe x1
• Rich I/O: 1 Intel GbE, 2 USB 3.0, 8 USB 2.0
DDR3L
onboard
SSD
Optional


Similar Part No. - AL9A3

ManufacturerPart #DatasheetDescription
logo
DFI Inc
AL9A2 DFI-AL9A2 Datasheet
885Kb / 2P
Intel® AtomTM Processor E3900 Series COM Express® Mini
AL9A2-B40-N4200 DFI-AL9A2-B40-N4200 Datasheet
885Kb / 2P
Intel® AtomTM Processor E3900 Series COM Express® Mini
AL9A2-B80-E3950 DFI-AL9A2-B80-E3950 Datasheet
885Kb / 2P
Intel® AtomTM Processor E3900 Series COM Express® Mini
AL9A2-T40-E3930 DFI-AL9A2-T40-E3930 Datasheet
885Kb / 2P
Intel® AtomTM Processor E3900 Series COM Express® Mini
AL9A2-T80-E3940 DFI-AL9A2-T80-E3940 Datasheet
885Kb / 2P
Intel® AtomTM Processor E3900 Series COM Express® Mini
More results

Similar Description - AL9A3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7562B1 ADVANTECH-SOM-7562B1_14 Datasheet
557Kb / 2P
Intel Atom Processor N455 COM Express Mini Module
SOM-7565A2 ADVANTECH-SOM-7565A2 Datasheet
804Kb / 2P
Intel Atom Processor N2600/N2800 COM Express Mini Module
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
Intel Atom/Celeron Processor COM Express Mini Module
logo
DFI Inc
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
BT9A3 DFI-BT9A3 Datasheet
1Mb / 2P
Intel Atom E3800 Series COM Express Mini
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com