Electronic Components Datasheet Search
  English  ▼

X  

CM901-B Datasheet(PDF) 2 Page - DFI Inc

Part # CM901-B
Description  AMD Embedded R-Series COM Express Basic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CM901-B Datasheet(HTML) 2 Page - DFI Inc

  CM901-B Datasheet HTML 1Page - DFI Inc CM901-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APU
• AMD® Embedded R-Series APUs
: R-464L Quad-core 2.3GHz, 35W
: R-460H Quad-core 1.9GHZ, 35W
: R-272F Dual-core 2.7GHz, 35W
: R-268D Dual-core 2.5GHz, 35W
• PGA (FS1r2) socket
• 32nm process technology
CHIPSET
• AMD® A70M Fusion Controller Hub
SYSTEM MEMORY
• Two 204-pin DDR3 SODIMM sockets
• Supports DDR3 (1.5V), LVDDR3(1.35V), ULVDDR3 (1.25V) up to 1600MHz
• Supports dual channel memory interface
• Supports up to 16GB system memory
• DRAM device technologies: 1Gb, 2Gb, 4Gb and 8Gb DDR3 DRAM technologies
are supported for x8 and x16 devices, unbuffered, non-ECC
ONBOARD GRAPHICS FEATURES
• Supports DP, DP/LVDS and DP/VGA interfaces
• VGA: resolution up to 1920x1600 @ 60Hz
• LVDS: Single Channel - 18/24-bit; Dual Channel: 36/48-bit, resolution up to
1920x1200 @ 60 Hz
• DP: resolution up to 4096x2160 @ 30Hz
ONBOARD AUDIO FEATURES
• Supports High Definition Audio interface
ONBOARD LAN FEATURES
• Intel® 82574L Gigabit Ethernet controller
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
SERIAL ATA (SATA) INTERFACE
• Supports 4 Serial ATA interfaces
• 4 SATA 3.0 with data transfer rate up to 6Gb/s
• Integrated Advanced Host Controller Interface (AHCI) controller
• Supports RAID 0/1
SSD*
• 4GB/8GB/16GB/32GB
• Write: 30MB/sec (max), Read: 70MB/sec (max)
• SATA to SSD onboard
USB INTERFACE
• XHCI Host Controller supports up to 4 super speed USB 3.0 ports
WATCHDOG TIMER
• Watchdog timeout programmable via software from 1 to 255 seconds
TRUSTED PLATFORM MODULE (TPM)*
• Provides a Trusted PC for secure transactions
• Provides software license protection, enforcement and password protection
EXPANSION INTERFACES
• Supports 8 USB 2.0 ports (first 4 USB ports support up to USB 3.0)
• Supports 1 PCIe x16 interface
• Supports 7 PCIe x1 interfaces (the first 4 PCIe x1 can be configured to
support PCIe x4)
• Supports LPC interface
• Supports SMBus interface
• Supports I2C interface
• Supports 2 serial interfaces (TX/RX)
• Supports 8-bit Digital I/O (4 In, 4 Out)
DAMAGE FREE INTELLIGENCE
• Monitors APU temperature
• Monitors APU fan speed
• Monitors APU_VDD/APU_VDDNB/APU_VDDIO_SUS/1V2/1V1 voltages
• Watchdog timer function
BIOS
• 32Mbit SPI BIOS
POWER CONSUMPTION
• 31.12 W with R-464L at 2.3GHz and 2x 1GB DDR3 SODIMM
OS SUPPORT
• Windows XP Professional x86 & SP3 (32-bit)
• Windows 7 Ultimate x86 & SP1 (32-bit)
• Windows 7 Ultimate x64 & SP1 (64-bit)
• Windows 8 Enterprise x86 (32-bit)
• Windows 8 Enterprise x64 (64-bit)
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -40oC to 85oC
HUMIDITY
• 10% to 90%
POWER
• Input: 12V, 5VSB (optional), VCC_RTC
PCB
• Dimensions
- COM Express® Basic
- 95mm (3.74") x 125mm (4.9")
• Compliance
- PICMG COM Express® R2.1, Type 6
CERTIFICATION
• CE
• FCC Class B
• RoHS
AMD® Embedded R-Series
COM Express® Basic
Specifications
CM901-B
Packing List
Optional Items
Ordering Information
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 20, 2019 DFI Inc.
• 1 CM901-B board
• COM331-B carrier board kit
• COM101-BAT carrier board kit
• Heat spreader: TBD
• Heat spreader with heat sink and fan: TBD
• Heat sink with fan: TBD
Model Name
Part Number
Description
CM901-B
777-CM9011-000G
AMD® Embedded R-Series APUs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com