Electronic Components Datasheet Search
  English  ▼

X  

COM100-B Datasheet(PDF) 1 Page - DFI Inc

Part # COM100-B
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM100-B Datasheet(HTML) 1 Page - DFI Inc

  COM100-B Datasheet HTML 1Page - DFI Inc COM100-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Drawing
Block Diagram
COM100-B
COM Express Carrier Board
Features
PCIe x1/
mSATA signal
Line-in/
Surround
Line-out
Mic-in/
Center+Subwoofer
DisplayPort
COM 1
COM 2
LAN
DC-in jack
USB 2.0
LVDS LCD
Panel
SATA 3.0
COM Express
connector
PCIe x1
DIO
USB 3.0
PCIe x1, USB and
3G signal
PCIe x1 and
USB signal
SATA Power
Charger
connector
LPC
LCD/inverter Power
I2C
System Fan
Serial Interface
SMBus
Mini
8 DIO
7 USB
1 SATA
2 COM
SIM slot
EXPANSION
1 PCIe x1
3 Mini PCIe
1 SIM
DISPLAY OUTPUTS 1 DisplayPort
1 LVDS
1 eDP
LAN
1 LAN
COM
2 COM
USB
6 USB: 2 USB 3.0, 4 USB 2.0
STORAGE
1 SATA 3.0
DIO
8-bit DIO
DIMENSIONS
170mm x 170mm (6.7" x 6.7")
GLAN
SMBus
Connector
Row AB
TYPE 10
I2C
Serial Port 2x
LVDS
Display Port
SATA 3.0
Audio Codec
SYS Fan
PCIE x1
SLP & LID
GPIO
Mini PCIE x1
PCIE
USB
PCIE
Mini PCIE x1
PCIE
SATA
Mini PCIE x1
(mSATA Opt.)
USB 2.0 4x
LPC Super IO
LPC
COM 2x
USB 3.0 2x
Smart Charger
Fan
USB
eDP
0.00
10.16
154.94
159.84
22.86
44.14
91.14
Supports Mini modules
eDP


Similar Part No. - COM100-B

ManufacturerPart #DatasheetDescription
logo
DFI Inc
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
COM Express Carrier Board
More results

Similar Description - COM100-B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
COM Express Carrier Board
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com