Electronic Components Datasheet Search
  English  ▼

X  

COM101-BAT Datasheet(PDF) 1 Page - DFI Inc

Part # COM101-BAT
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM101-BAT Datasheet(HTML) 1 Page - DFI Inc

  COM101-BAT Datasheet HTML 1Page - DFI Inc COM101-BAT Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Drawing
Block Diagram
COM101-BAT
COM Express Carrier Board
Features
Line-in/
Surround
Line-out
Mic-in/
Center+Subwoofer
DisplayPort VGA
LAN
DC-in
USB 2.0
LVDS LCD
Panel
SATA 3.0
COM Express
connector
PCIe x1
USB 3.0
Smart
Battery 1
LPC
DIO
I2C
SMBus
SIM
Smart
Battery 2
Basic
Compact
System
Fan
SATA Power
LCD/Inverter
Power
Mini PCIe_1
Mini PCIe_2
Supports Compact and Basic modules
EXPANSION
1 PCIe x1
2 Mini PCIe
1 SIM
DISPLAY OUTPUTS 1 DisplayPort
1 VGA
1 LVDS
LAN
1 LAN
USB
6 USB: 2 USB 3.0, 4 USB 2.0
STORAGE
1 SATA 3.0
DIO
8-bit DIO
DIMENSIONS
170mm x 170mm (6.7" x 6.7")
GLAN
Connector
Row AB
TYPE 6
LVDS
SPI
SATA 3.0
Audio Codec
SYS Fan
PCIE x1
SLP & LID
8-bit DIO
PCIE 2
USB 7
Mini PCIE x1
(SIM)
PCIE/USB 8
SATA
Mini PCIE x1
(mSATA Opt.)
USB 2.0 4x
USB 3.0 2x
VGA
Smart Charger
Audio
Front Audio
SM Bus
LPC
Connector
Row CD
TYPE 6
DisplayPort
I2C
Serial Port 2x
10.16
47.37
0.00
105.07
110.87
151.87
154.94
159.84
10.16
22.86
93.93
118.13
121.87
127.10
110.87
151.87
159.84


Similar Part No. - COM101-BAT

ManufacturerPart #DatasheetDescription
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
COM Express Carrier Board
More results

Similar Description - COM101-BAT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
COM Express Carrier Board
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com