Electronic Components Datasheet Search
  English  ▼

X  

COM330-B Datasheet(PDF) 1 Page - DFI Inc

Part # COM330-B
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM330-B Datasheet(HTML) 1 Page - DFI Inc

  COM330-B Datasheet HTML 1Page - DFI Inc COM330-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Drawing
Block Diagram
COM330-B
COM Express Carrier Board
Features
COM 3
PCI 1
PCI 2
PCIe x4
PCIe x16
USB 6-7
DIO
Mini PCIe
ATX power
SIO_Fan 2
PS/2 KB
(option)
Line-in
Line-out
Mic-in
COM2
VGA
LAN
USB 2.0
PS/2 Mouse
(option)
COM1
COM4
LVDS LCD
Panel
USB 4-5
SIO_Fan 3
SATA 3.0
SATA 2.0
CF
+12V power
COM Express
connector
COM Express
connector
SIO_Fan 1
LPC
SMBus
LVDS/Inverter
Power
Compact
Basic
EXPANSION
1 PCIe x16, 1 PCIe x4, 2 PCI
1 Mini PCIe (PCIe signal only)
DISPLAY OUTPUTS 1 VGA, 1 LVDS
LAN
1 LAN
COM
4 COM
USB
8 USB 2.0
STORAGE
4 SATA: 2 SATA 3.0, 2 SATA 2.0
1 CF
DIO
8-bit DIO
DIMENSIONS
244mm x 244mm (9.6" x 9.6")
Supports Compact and Basic modules


Similar Part No. - COM330-B

ManufacturerPart #DatasheetDescription
logo
DFI Inc
COM331-B DFI-COM331-B Datasheet
763Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
COM335 DFI-COM335 Datasheet
1Mb / 4P
COM Express® Carrier Board microATX form factor
More results

Similar Description - COM330-B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
COM Express Carrier Board
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com