Electronic Components Datasheet Search
  English  ▼

X  

COM332-B Datasheet(PDF) 1 Page - DFI Inc

Part # COM332-B
Description  COM Express Carrier Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM332-B Datasheet(HTML) 1 Page - DFI Inc

  COM332-B Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ATX Power
PCIe x16
System Fan
PCIe x1
SATA 3.0
Line-in
Line-out
Mic-in
DP 2
LAN
USB 2.0
USB 3.1
LVDS LCD
Panel
COM Express
Connectors
PCIe x1
DIO
LPC
SDIO
LVDS/Inverter
Power
+12V
Power
Basic
Compact
Block Diagram
Mechanical Drawing
COM332-B (R.B1)
Features
Specifications
Packing List
Optional Items
Ordering Information
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © Aug 06, 2020 DFI Inc.
Connector
Row A/B
TYPE 6
SATA 3.0 4x
GPIO
Connector
Row C/D
TYPE 6
Serial Port 2x
LPC
SMBus
I2C
PCIe x1 4x
DIO
SDIO
GLAN
MDI
USB 3.1
4x
USB 2.0
USB 3.1
USB 2.0
4x
USB 2.0
DP 3x
DDI
VGA
HD Audio
PCIe x16 1x
Switch IC
LVDS/eDP
eDP
LVDS
eDP
LVDS
LVDS
SPI
M.2
Mkey 2280
PCIe
PCIe
COM332-B (R.B1)
COM Express® Carrier Board
• COM Express® R2.1, Pin-out Type 6
• Supports Compact and Basic modules
• Multiple displays: VGA, LVDS, DP, eDP
• Rich I/O: 1 GbE, 4 USB 3.1, 4 USB 2.0
• microATX form factor
Model Name
P/N
GbE
USB 3.1
USB 2.0
Power
Thermal
Temp.
COM332-B (R.B1) 770-CM3322-000G 1
4
4
ATX/AT
Active
0 to 60oC
• 1 COM332-B (R.B1) board
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 VGA cable
A81-012000-000G
• Serial ATA data cable (Length: 500mm)
332-553001-005G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
• I/O shield
A49-COM332-010G
R
2.1
Type
6
8 DIO
GRAPHICS
Display
1 x VGA
1 x LVDS/eDP (eDP available upon request)
3 x DP
1 x eDP/LVDS (LVDS available upon request)
EXPANSION
Interface
1 x PCIe x16
4 x PCIe x1
1 x M.2 M Key 2280
1 x SDIO
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
REAR I/O
Ethernet
1 x GbE (RJ-45)
USB
4 x USB 3.1 (Gen2)
4 x USB 2.0
Display
3 x DP
Audio
1 x Line-in
1 x Line-out
1 x Mic-in
INTERNAL I/O
Serial
2 x Serial Interface Connector (TX/RX)
Display
1 x VGA (2.54mm)
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
1 x eDP LCD Panel Connector
Audio
1 x Audio (Line-out/Mic-in)
1 x S/PDIF
SATA
4 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
LPC
1 x LPC
SMBus
1 x SMBus
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Connector
4-pin ATX 12V power
24-pin ATX power
RTC Battery
CR2032 Coin Cell
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
488,117 hrs @ 25°C; 253,684 hrs @ 45°C; 136,621 hrs @ 60°C
Calculation Model: Telcordia Issue 2, Method Case 3
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
microATX Form Factor
244mm (9.6") x 244mm (9.6")
Compliance
PICMG COM Express® R2.1, Type 6
Basic, Compact Modules
CERTIFICATIONS
CE, FCC, RoHS
SDIO
Debug LED
DP 1
DP 3
VGA
SMBus
M.2
eDP
USB 3.1


Similar Part No. - COM332-B

ManufacturerPart #DatasheetDescription
logo
DFI Inc
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM331-B DFI-COM331-B Datasheet
763Kb / 2P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
COM335 DFI-COM335 Datasheet
1Mb / 4P
COM Express® Carrier Board microATX form factor
More results

Similar Description - COM332-B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
COM Express Carrier Board
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
COM Express Carrier Board
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com