Electronic Components Datasheet Search
  English  ▼

X  

AL253 Datasheet(PDF) 1 Page - DFI Inc

Part # AL253
Description  Intel Atom Processor E3900 Series 4 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL253 Datasheet(HTML) 1 Page - DFI Inc

  AL253 Datasheet HTML 1Page - DFI Inc AL253 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
165.00
Intel Atom® Processor E3900 Series
4" SBC
Mechanical Drawing
Block Diagram
Features
AL253
Intel Atom®
Processor
E3900
Series
Super IO
with WDT
DDR3L
Channel A
M.2 2230 E key
PCIe x1
USB 2.0
LPC Bus
DDI
IT6516
VGA
SPI
GLAN I211AT 3x
PCIe x1
SATA 3.0
RS-232/422/485 4x
H/W Monitor System Fan
USB 2.0
USB 2.0
Audio Jack
(Line-out/Mic-in)
SATA 3.0
DDR3L
Memory Down
Channel B
DDI
DP++ (opt.)
DDI
DP++
HDMI
fTPM2.0
GLAN I211AT
PCIe x1/USB 3.0
USB 3.0
USB 3.0/USB 2.0 2x
USB 3.0
USB 2.0
HD Audio
Codec
USB 3.0
USB 2.0
USB 3.0 2x
Full-size
Mini PCIe
SATA
USB 2.0
opt.
Full Size
Mini PCIe w/ USB
LPC Bus
USB 2.0
DC Jack
9~36V
COM colay w/ DIO
Atom
• Memory up to 8GB: Single channel DDR3L SODIMM +
2G/4G/8G DDR3L memory on board
• Two independent displays:
DP/HDMI (auto-detection) + VGA/DP
• DP resolution up to 4096x2160 @ 60Hz
• Multiple OS support: Win 7/Win 10/Linux
• Rich I/O: max. 4 Intel GbE, 5 COM, 4 USB 3.0, 2 USB 2.0
Bottom View
Top View
SIM slot
DDR3L
SODIMM
DC-in
Power
Button
COM 1
COM 2
COM 3
LAN 3
Mini PCIe
Reset
Button
Intel®AtomTM
Processor
E3900
Series
USB 3.1
Gen 1
SATA 3.0
USB 2.0
* Populated by default
VGA
DP++/HDMI
auto-detected
LAN 1 LAN 2 LAN 4
COM 4
M.2 E Key
Front Panel
eMMC
SATA Power
DIO
DDR3L
memory


Similar Part No. - AL253

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
Video Scan Doubler
logo
Schneider Electric
AL250KA SCHNEIDER-AL250KA Datasheet
99Kb / 2P
KA, KC, KH, KI MOULDED CASE CIRCUIT BREAKERs MECHANICAL LUG KIT (3)
Apr 19, 2021
logo
AverLogic Technologies ...
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
Video Scan Doubler
AL251A-EVB-A0 AVERLOGIC-AL251A-EVB-A0 Datasheet
404Kb / 9P
Scan Converter Evaluation Board
More results

Similar Description - AL253

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
logo
Advantech Co., Ltd.
EPC-S202 ADVANTECH-EPC-S202 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com