Electronic Components Datasheet Search
  English  ▼

X  

AL701 Datasheet(PDF) 1 Page - DFI Inc

Part # AL701
Description  Intel Atom Processor E3900 Series Qseven
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL701 Datasheet(HTML) 1 Page - DFI Inc

  AL701 Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Block Diagram
Mechanical Drawing
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
4GB/8GB LPDDR4 Memory Down
Dual Channel LPDDR4 3200MHz
BIOS
AMI SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics Gen9LP Series
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
HW Encode: AVC/H.264, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
Display
1 x DDI (HDMI/DVI/DP++)
1 x LVDS/(eDP+DDI) (DDI available upon
request)
LVDS: NXP PTN3460, 24-bit, dual channel, resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30 Hz
DP++: resolution up to 4096x2160@60Hz
eDP: resolution up to 3840x2160 @ 60Hz
Dual/Triple
Display
LVDS + DDI (Dual)
eDP + DDI (Dual)
eDP+2DDI (Triple) (available upon request)
EXPANSION
Interface
4 x PCIe x1 (Gen 2)
1 x SDIO (with LED)
1 x LPC
1 x I2C
1 x SMBus
1 x SPI
1 x UART (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I211AT (10/100/1000Mbps) (0~60°C)
1 x Intel® I210IT (10/100/1000Mbps) (-40 to 85°C)
I/O
USB
1 x USB 3.0 + 8 x USB 2.0
3 x USB 3.0 + 4 x USB 2.0 (option)
SATA
2 x SATA 3.0 (up to 6Gb/s)
eMMC
Supports up to 32GB eMMC
eMMC 5.0, BGA-153 Ball 8~32G(MLC mode)
GPIO
1 x 4-bit GPIO
CAN Bus
CAN Bus Function (available upon request)
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
FTPM
Enables or Disables the BIOS support for the security device
POWER
Type
5V, 5VSB, VCC_RTC
Consumption
TBD
OS SUPPORT
(UEFI ONLY)
Windows 10 IoT Enterprise 64-bit
Linux (Intel graphic driver available)
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
Qseven form factor
70mm (2.76") x 70mm (2.76")
Compliance
Qseven specification revision 2.1
CERTIFICATIONS
CE, FCC Class B, RoHS
AL701
Intel Atom® Processor E3900 Series
Qseven
Features
Intel Atom® Processor E3900 Series
Qseven
Specifications
AL701
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 17, 2020 DFI Inc.
Backup
EEPROM
eMMC
eDP Option
SATA 3.0 2x
SDIO (W/LED)
Intel® I211AT
Intel® I210IT
MDI
Channel A
DDI
HD Audio
LPC Bus
WDT
I2C Bus
Serial Port 1, 2
Fan PWM/
TACH IN
SLP/LID
PCIe x1 4x
4GB/8GB LPDDR4
Memory Down
Channel B
MMC
4GB/8GB LPDDR4
Memory Down
SMBus
eDP
PTN3460
LVDS
SPI Bus
SPI BIOS
Embedded
Controller
PCIe x1
Intel® Atom Processor
E3900 Series
USB 3.0 (P0&P1),
USB 2.0 (P4~P7) (Opt.)
USB 3.0 1x (P1), USB 2.0 8x (P0~P7)
USB 3.0 3x (P0~P2), USB 2.0 4x (P0~P3)
Wide
Temperature
-400C
850C
• 1 AL701 board
• 1 Heat sink
A71-008123-000G
• Qseven Carrier Board
770-Q7X154-000G
• Heat spreader
A71-808321-000G
Atom
SATA 3.0
USB 3.0
• 4GB/8GB LPDDR4 Dual Channel Memory Down
• 1 DDI*, 1 LVDS*/(eDP + DDI)
• Supports triple displays: eDP+2DDI
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansions: 4 PCIe x1
• Rich I/O: 1 Intel GbE, 1 USB 3.0, 8 USB 2.0
BOTTOM
LPDDR4
TOP
eMMC
* Populated by default
LPDDR4
Intel Atom®
Processor E3900 Series
Ordering Information
Model Name
P/N
Processor Memory
eMMC
LVDS/eDP GbE
USB 3.0
USB 2.0
Power
Thermal
Temp.
AL701-B40-E30 770-AL7011-100G x5-E3930
4 GB
N/A
LVDS
1
1
8
ATX/AT
Fanless
0 to 60oC
AL701-B40-E40 770-AL7011-200G x5-E3940
4 GB
N/A
LVDS
1
1
8
ATX/AT
Fanless
0 to 60oC
AL701-T80-E50 770-AL7011-300G x7-E3950
8 GB
N/A
LVDS
1
3
4
ATX/AT
Fanless
-40 to 85oC
Note: N4200 and N3350 are supported upon request with MOQ requirement.
Bottom View
Top View
LPDDR4


Similar Part No. - AL701

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL700 AVERLOGIC-AL700 Datasheet
347Kb / 2P
Sales Kit Quad Video Processor Device
logo
DFI Inc
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
logo
AverLogic Technologies ...
AL700C-EVB-A1 AVERLOGIC-AL700C-EVB-A1 Datasheet
347Kb / 2P
Sales Kit Quad Video Processor Device
AL700C-PBF AVERLOGIC-AL700C-PBF Datasheet
91Kb / 11P
Color DUAL QUAD Splitter EVB User Manual
AL700C-SDK-A1 AVERLOGIC-AL700C-SDK-A1 Datasheet
347Kb / 2P
Sales Kit Quad Video Processor Device
More results

Similar Description - AL701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMQ-I2301 ETC2-EMQ-I2301 Datasheet
976Kb / 2P
Intel Atom E3800 series processor Qseven??CPU Module
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com