Electronic Components Datasheet Search
  English  ▼

X  

ESDC12C Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ESDC12C
Description  Bidirectional Ultra Low Capacitance TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ESDC12C Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ESDC12C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ESDC12C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ESDC12C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ESDC12C Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESDC24C
HC
24.0
26.7
1
ESDC15C
EC
15.0
16.7
1
24.0
31.8
5
1
0.8
ESDC12C
DC
12.0
13.3
1
ESDC08C
BC
8.0
8.5
1
13.4
18.5
8
1
0.8
ESDC05C
AC
5.0
6.0
1
9.8
18.3
8
1
0.8
ESDC03C
CC
3.0
4.0
s)
350
W
ESDC03C THRU ESDC24C SOD-323
2 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±15
±8
kV
PPP
Peak Pulse Power (8/20μ
TOPT
Operating Temperature
-55/+150
°C
TSTG
Storage Temperature
-55/+150
°C
TL
Lead Soldering Temperature
260
°C
VRWM
VB
IT
VC@1A
VC
IR
CT
(V)
(V)
(mA)
(V)
(V)
(µA)
(pF)
PART
NUMBER
DEVICE
MARKING
(max.) (min.)
(max.)
(max.)
(@A)
(max.)
(typ.)
1
7.0
13.9
8
2
0.8
19.0
28.6
6
1
0.8
43.0
56.0
3
1
0.8
Absolute Maximum Ratings Ta = 25
Electrical Characteristics Ta = 25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com