Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS259 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS259
Description  SN74HCS259 8-Bit Addressable Latches with Schmitt-Trigger Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS259 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS259 Datasheet HTML 5Page - Texas Instruments SN74HCS259 Datasheet HTML 6Page - Texas Instruments SN74HCS259 Datasheet HTML 7Page - Texas Instruments SN74HCS259 Datasheet HTML 8Page - Texas Instruments SN74HCS259 Datasheet HTML 9Page - Texas Instruments SN74HCS259 Datasheet HTML 10Page - Texas Instruments SN74HCS259 Datasheet HTML 11Page - Texas Instruments SN74HCS259 Datasheet HTML 12Page - Texas Instruments SN74HCS259 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
8 Detailed Description
8.1 Overview
The SN74HCS259 8-bit addressable latches are designed for general-purpose storage applications in digital
systems. Specific uses include working registers, serial-holding registers, and active-high decoders or
demultiplexers. They are multifunctional devices capable of storing single-line data in eight addressable latches
and being a 1-of-8 decoder or demultiplexer with active-high outputs.
Four distinct modes of operation are selectable by controlling the clear (CLR) and enable (G) inputs:
• Addressable-latch mode: CLR = HIGH; G = LOW
– Data at the data-in terminal is written into the addressed latch
– The addressed latch follows the data input, with all unaddressed latches remaining in their previous states
• Memory mode: CLR = HIGH; G = HIGH
– All latches remain in their previous states and are unaffected by the data or address inputs
– To eliminate the possibility of entering erroneous data in the latches, G should be held high (inactive) while
the address lines are changing
• 1-of-8 decoding or demultiplexing mode: CLR = LOW; G = LOW
– The addressed output follows the level of the D input with all other outputs low
• Clear mode: CLR = LOW; G = HIGH
– All outputs are low and unaffected by the address and data inputs
8.2 Functional Block Diagram
S0
S1
S2
CLR
G
3:8 DECODER
001
010
011
100
101
110
111
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
LATCH
ENABLE
D
OUTPUT STORAGE
000
Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS259
www.ti.com
SN74HCS259
SCLS836 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HCS259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com