Electronic Components Datasheet Search
  English  ▼

X  

TMUX1308 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1308
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1308 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1308 Datasheet HTML 1Page - Texas Instruments TMUX1308 Datasheet HTML 2Page - Texas Instruments TMUX1308 Datasheet HTML 3Page - Texas Instruments TMUX1308 Datasheet HTML 4Page - Texas Instruments TMUX1308 Datasheet HTML 5Page - Texas Instruments TMUX1308 Datasheet HTML 6Page - Texas Instruments TMUX1308 Datasheet HTML 7Page - Texas Instruments TMUX1308 Datasheet HTML 8Page - Texas Instruments TMUX1308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
Pin Functions TMUX1308 ................................................ 4
Pin Functions TMUX1309 ................................................ 6
7 Specifications.................................................................. 7
7.1 Absolute Maximum Ratings........................................ 7
7.2 ESD Ratings............................................................... 7
7.3 Recommended Operating Conditions.........................7
7.4 Thermal Information: TMUX1308................................8
7.5 Thermal Information: TMUX1309................................8
7.6 Electrical Characteristics.............................................9
7.7 Logic and Dynamic Characteristics...........................10
7.8 Timing Characteristics...............................................11
7.9 Injection Current Coupling........................................ 12
7.10 Typical Characteristics............................................ 13
8 Detailed Description......................................................16
8.1 Overview................................................................... 16
8.2 Functional Block Diagram......................................... 22
8.3 Feature Description...................................................22
9 Application and Implementation.................................. 27
9.1 Application Information............................................. 27
9.2 Typical Application.................................................... 27
9.3 Design Requirements............................................... 28
9.4 Detailed Design Procedure....................................... 28
10 Power Supply Recommendations..............................28
11 Layout........................................................................... 28
11.1 Layout Guidelines................................................... 28
11.2 Layout Example...................................................... 29
12 Device and Documentation Support..........................30
12.1 Documentation Support.......................................... 30
12.2 Related Links.......................................................... 30
12.3 Receiving Notification of Documentation Updates..30
12.4 Support Resources................................................. 30
12.5 Trademarks.............................................................30
12.6 Electrostatic Discharge Caution..............................30
12.7 Glossary..................................................................30
13 Mechanical, Packaging, and Orderable
Information.................................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2020) to Revision C (August 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added the Typical Characteristics.................................................................................................................... 13
Changes from Revision A (June 2020) to Revision B (August 2020)
Page
• Added thermal information for TMUX1309......................................................................................................... 8
Changes from Revision * (March 2020) to Revision A (June 2020)
Page
• Changed status From: Advanced Information To: Production Data ...................................................................1
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com