Electronic Components Datasheet Search
  English  ▼

X  

PS394EWP Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS394EWP
Description  Precision, Quad, SPDT, 17V Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS394EWP Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS394EWP Datasheet HTML 1Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 2Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 3Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 4Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 5Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 6Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 7Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8444
01/13/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS394
Precision, Quad, SPDT, 17VAnalog Switch
3
ElectricalCharacteristics—DualSupplies
(V+ = 5V ± 10%, V– = –5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
.
p
m
e
T
e
g
n
a
R
.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
s
ti
n
U
h
c
ti
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
V
,
M
O
C
V ,
O
N
V C
N
)
3
e
t
o
n
(–
V+
VV
e
c
n
a
t
si
s
e
R
-
n
OR N
O
,
V
5
.
4
–
=
–
V
,
V
5
.
4
=
+
V
V C
N
V
r
o
O
N
,
V
5
.
3
±
=
I M
O
C
V
,
A
m
0
1
=
H
N
I
,
V
4
.
2
=
V L
N
I
V
8
.
0
=
TA
C
°
5
2
+
=E
,
C0
25
3
m
h
O
TA T
=
N
I
M
T
o
t
X
A
M
E
,
C5
4
h
c
t
a
M
e
c
n
a
t
si
s
e
R
-
n
O
sl
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
V C
N
V
r
o
O
N
,
V
3
±
=
I M
O
C
,
A
m
0
1
=
V
5
–
=
–
V
,
V
5
=
+
V
TA
C
°
5
2
+
=E
,
C5
.
02
TA T
=
N
I
M
T
o
t
X
A
M
E
,
C4
e
c
n
a
t
si
s
e
R
-
n
O
s
s
e
n
t
al
F
)
4
(
R
)
N
O
(
T
A
L
F
V C
N
V
r
o
O
N
;
V
3
–
,
V
0
,
V
3
+
=
I M
O
C
,
A
m
0
1
=
V
5
–
=
–
V
;
V
5
=
+
V
TA
C
°
5
2
+
=E
,
C4
TA T
=
N
I
M
T
o
t
X
A
M
E
,
C6
O
N
r
o
C
Nff
O
t
n
e
rr
u
C
e
g
a
k
a
e
L
)
5
(
I
)
F
F
O
(
C
N
r
o
I
)
F
F
O
(
O
N
V M
O
C
V
,
V
5
.
4
±
=
C
N
r
o
V O
N
,
V
5
.
5
=
+
V
,
V
5
.
4
±
=
V
5
.
5
–
=
–
V
TA
C
°
5
2
+
=E
,
C2
.
0
–1
0
.
0
–2
.
0
A
n
TA T
=
N
I
M
T
o
t
X
A
M
E
,
C5
.
2
–5
.
2
e
g
a
k
a
e
L
M
O
C
t
n
e
rr
u
C
)
5
(
I
)
N
O
(
M
O
C
V M
O
C
,
V
5
.
4
±
=
V C
N
V
r
o
O
N
,
V
5
.
4
±
=
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
TA
C
°
5
2
+
=E
,
C4
.
0
–4
0
.
0
–4
.
0
TA T
=
N
I
M
T
o
t
X
A
M
E
,
C0
.
5
–0
.
5
t
u
p
n
I
c
i
g
o
L
l
a
ti
g
i
D
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
I H
N
I
V N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=0
.
1
–5
0
0
.
00
.
1
A
µ
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
t
u
p
n
I
I L
N
I
V N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=0
.
1
–5
0
0
.
00
.
1
t
u
p
n
I
h
g
i
H
ci
g
o
L
e
g
a
tl
o
V
V H
_
A
TA T
=
N
I
M
T
o
t
X
A
M
4
.
2
V
t
u
p
n
I
w
o
L
ci
g
o
L
e
g
a
tl
o
V
V L
_
A
TA T
=
N
I
M
T
o
t
X
A
M
8
.
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com