Electronic Components Datasheet Search
  English  ▼

X  

NFB24 Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # NFB24
Description  On/Off, Spring Return, AC/DC 24 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

NFB24 Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  NFB24 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC NFB24 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC NFB24 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Accessories
AF-P
Anti-rotation bracket AF/NF.
AV8-25
Shaft extension
IND-AFB
End stop indicator
K7-2
Shaft clamp reversible
KG10A
Ball joint
KG8
Ball joint
KH10
Damper crank arm
KH8
Damper crank arm
KH-AFB
Actuator arm
SH10
Push rod for KG10A ball joint (36” L, 3/8” diameter).
SH8
Push rod for KG6 & KG8 ball joints (36” L, 5/16” diameter).
TOOL-06
8 mm and 10 mm wrench.
ZG-100
Univ. right angle bracket 17”x11-1/8”x6” (HxWxbase).
ZG-101
Univ. right angle bracket 13x11x7-7/16” (HxWxbase).
ZG-109
Right angle bracket for ZS-260.
ZG-110
Stand-off bracket for ZS-260.
ZG-118
AFB(X)/NFB(X) U bracket 5-7/8x5-1/2x2-19/32” (HxWxD).
ZG-120
Jackshaft mounting bracket.
ZG-AFB
Mounting kit for linkage operation
ZG-AFB118 AFB(X)/NFB(X) crankarm adaptor kit.
ZG-DC1
Damper clip for damper blade, 3.5” width.
ZG-DC2
Damper clip for damper blade, 6” width.
ZG-JSA-1
1” diameter jackshaft adaptor (11” L).
ZG-JSA-2
1-5/16” diameter jackshaft adaptor (12” L).
ZG-JSA-3
1.05” diameter jackshaft adaptor (12” L).
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-101
Base plate for ZS-100.
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
ZS-260
Explosion proof housing.
ZS-300
NEMA 4X, 304 stainless steel enclosure.
ZS-300-5
NEMA 4X, 316L stainless steel enclosure.
ZS-300-C1 1/2” shaft adaptor, standard wtih ZS-300(-5).
ZS-300-C2 3/4” shaft adaptor for ZS-300(-5).
ZS-300-C3 1” shaft adaptor for ZS-300(-5).
Z-SF
Base plate extension
P475
Shaft mount, non-Mercury aux. switch for 1/2” dia. shafts.
P475-1
Shaft mount, non-Mercury aux. switch for 1” dia. shafts.
PS-100
Low voltage and control signal simulator.
TF-CC US
Cable conduit connector, 1/2”.
ZG-X40
120 to 24 VAC, 40 VA transformer.
Typical Specification
On/Off spring return damper actuators shall be direct coupled type which
require no crank arm and linkage and be capable of direct mounting to a
jackshaft up to a 1.05” diameter. The actuators must be designed so that they
may be used for either clockwise or counter clockwise fail-safe operation.
Actuators shall be protected from overload at all angles of rotation. If required,
two SPDT auxiliary switch shall be provided having the capability of one being
adjustable. Actuators with auxiliary switches must be constructed to meet
the requirements for Double Insulation so an electrical ground is not required
to meet agency listings. Actuators shall be cULus listed and have a 5 year
warranty, and be manufactured under ISO 9001 International Quality Control
Standards. Actuators shall be as manufactured by Belimo.
Blk (1) Common
Red (2) + Hot
Line
Volts
1
2
3
24 VAC Transformer
A
On/Off
NFB24 Technical Data Sheet
On/Off, Spring Return, AC/DC 24 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com